データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA71TAG-R

  • AI
    ## Overview of MA71TAG-R The **MA71TAG-R** is an electronic component primarily associated with **RFID (Radio Frequency Identification)** technology. Specifically, it is a high-frequency (HF) passive tag commonly used for asset tracking, inventory management, and logistics. Below is a detailed breakdown of its electronic characteristics and functional specifications. --- ### 1. Technical Specifications The following table outlines the typical physical and electrical properties of the MA71TAG-R series. | Feature | Specification | | :--- | :--- | | **Technology** | RFID (Passive) | | **Frequency Range** | 13.56 MHz (High Frequency - HF) | | **Protocol** | ISO/IEC 15693 or ISO 14443A (Depends on specific IC) | | **Memory Capacity** | Typically 1k to 2k bits (Vendor dependent) | | **Operating Temperature** | -25°C to +85°C | | **Attachment Method** | Adhesive backing or embedded | --- ### 2. Core Electronic Components The device is composed of two primary internal parts: 1. **Integrated Circuit (IC):** * This is the "brain" of the tag. It stores the unique identifier (UID) and user data. * It operates by harvesting energy from the magnetic field generated by the RFID reader (Inductive Coupling). 2. **Antenna Coil:** * Usually made of etched copper or aluminum. * The antenna is tuned to **13.56 MHz** to ensure maximum power transfer and communication range. --- ### 3. Key Electronic Features * **Passive Operation:** It contains no internal battery. It is powered entirely by the RF field emitted by a reader device. * **Anti-Collision:** The electronic logic allows multiple tags to be read simultaneously in the same field without data interference. * **Data Integrity:** Includes built-in CRC (Cyclic Redundancy Check) to ensure that the data transmitted to the reader is accurate and corruption-free. * **Read/Write Capability:** Most versions allow for data to be updated or locked (read-only) after the initial programming. --- ### 4. Common Applications Due to its small form factor and reliability, the MA71TAG-R is frequently used in: * **Library Systems:** Tracking books and media. * **Industrial Laundry:** Tracking garments (if encapsulated in resin). * **Product Authentication:** Preventing counterfeiting in high-end consumer goods. * **Access Control:** Used in key fobs or smart cards. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum reading distance for the MA71TAG-R?
    • ⤷ Which RFID reader protocols are compatible with this tag?
    • ⤷ Can the MA71TAG-R be used on metal surfaces?