データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA72FBD-R

  • AI
    The **MA72FBD-R** is an electronic component, typically identified as a high-performance **Magnetic Angular Position Sensor** or a specialized **Magnetic Encoder IC** (often associated with brands like Monolithic Power Systems - MPS). Below is a detailed technical breakdown of its characteristics and typical specifications. --- ### 1. General Overview The MA72FBD-R is designed to detect the absolute angular position of a permanent magnet, typically a diametrically magnetized cylinder rotating above the IC. It is often used in brushless DC (BLDC) motor control and robotics. ### 2. Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Sensor Type** | MagAlpha (Hall Effect based) | | **Resolution** | 8 to 12 bits (Depending on configuration) | | **Interface** | SPI (Serial Peripheral Interface) | | **Output Type** | ABZ Quadrature, PWM, or UVW | | **Supply Voltage** | 3.3V | | **Operating Temp** | -40°C to +125°C | | **Package** | QFN-16 (3mm x 3mm) | --- ### 3. Key Features * **Low Latency:** Optimized for high-speed rotation (up to 100k+ RPM) with minimal data delay. * **Zero-Setting:** Capability to define the "Zero" position via SPI commands. * **Side-Shaft Support:** Can be configured to detect magnets placed at the side of the chip, not just directly above it. * **Non-Volatile Memory (NVM):** Stores configuration settings (like resolution or zero-point) so they persist after power cycles. --- ### 4. Pinout Logic (QFN-16) The typical connectivity for the "FBD" series involves: 1. **VDD/GND:** Power supply pins. 2. **MOSI/MISO/SCLK/CS:** Standard 4-wire SPI for digital angle reading and register configuration. 3. **A/B/Z:** Incremental outputs for mimicking traditional optical encoders. 4. **U/V/W:** Commutation signals for motor drivers. --- ### 5. Common Applications * **Robotic Joints:** Providing feedback for servo motors. * **BLDC Motors:** Replacing traditional Hall sensors for smoother commutation. * **Human-Machine Interface (HMI):** Digital knobs and rotary switches. * **Automotive Systems:** Steering angle or pedal position sensing. --- ### 6. Code Example: Basic SPI Reading (Pseudo-code) ```cpp // Example of reading a 12-bit angle via SPI uint16_t readAngle() { uint16_t angleRaw; digitalWrite(CS_PIN, LOW); // Select the MA72 angleRaw = SPI.transfer16(0x0000); // Send NOP/Read command digitalWrite(CS_PIN, HIGH); // Deselect // Shift or mask bits depending on resolution return (angleRaw >> 4); } ```
    ✨ Follow-up Questions
    • ⤷What is the difference between the MA720 and the MA730 series?
    • ⤷ How do I align the magnet for optimal accuracy with this chip?
    • ⤷ What are the mounting tolerances for the MA72FBD-R?