データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA72TAD-R

  • AI
    ### MA72TAD-R Overview The **MA72TAD-R** is an advanced magnetic absolute encoder chip, typically manufactured by **Magnesensor Technology (MST)** or similar magnetic sensor specialists. It is designed to detect the angular position of a permanent magnet (usually a diametrically magnetized cylinder) rotating above the sensor. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics of the MA72TAD-R: | Feature | Specification | | :--- | :--- | | **Sensor Type** | Magnetic Angular Position Sensor | | **Output Type** | Absolute (Digital) | | **Resolution** | 12-bit to 14-bit (Typical) | | **Supply Voltage ($V_{DD}$)** | 3.3V (Typical) | | **Interface** | SPI (Serial Peripheral Interface) / PWM | | **Package** | QFN or TSSOP | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Functional Blocks The internal electronic architecture of the device consists of several critical stages: 1. **Hall Element Array:** A circular array of Hall plates that sense the magnetic field vector. 2. **Analog Front-End (AFE):** Amplifiers and filters that process the small Hall voltages. 3. **CORDIC Engine:** A digital processor that calculates the $\arctan$ of the Sine and Cosine signals to determine the exact angle. 4. **Registers (EEPROM/OTP):** Used to store configuration data, such as zero-point offset and resolution settings. --- ### 3. Pinout and Connectivity Typical electronic integration involves the following connections: * **Power ($V_{DD}$ & $GND$):** Requires stable DC power; decoupling capacitors (100nF) are mandatory near the pins to reduce noise. * **SPI Pins (MOSI, MISO, SCLK, CS):** Used for high-speed data readout and configuration. * **PWM Output:** Provides a pulse-width modulated signal proportional to the angle, useful for systems without a microcontroller SPI bus. * **Mag_Check:** A diagnostic output that signals if the magnet is too close or too far from the sensor surface. --- ### 4. Application Electronic Layout To ensure high accuracy, the electronic design must account for: * **Magnet Placement:** The magnet must be centered over the chip package within a tolerance (usually <0.5mm). * **Signal Integrity:** Keep SPI traces short to avoid electromagnetic interference (EMI). * **Magnetic Shielding:** Ensure no high-current traces (which generate magnetic fields) run directly under the sensor. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum SPI clock frequency supported by the MA72TAD-R?
    • ⤷ How do I calibrate the zero-point offset in the device registers?
    • ⤷ Does this sensor support incremental ABZ output alongside absolute data?