データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA72TBD-R

  • AI
    The **MA72TBD-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are designed for high-density power supply circuits where efficiency and compact size are critical. --- ### 1. Key Technical Specifications Based on general industry standards for the MA72 series (often associated with manufacturers like **Mag.Layers** or similar power component specialists), here is the technical breakdown: | Specification | Typical Value / Description | | :--- | :--- | | **Component Type** | SMD Power Inductor (Molded Type) | | **Inductance** | Specified by the "72" or dash suffix (Varies by sub-model) | | **Dimensions** | Approx. 7.5mm x 7.0mm x 2.4mm (72 series footprint) | | **Core Material** | Carbonyl Iron / Metal Alloy (Low core loss) | | **Shielding** | Magnetically Shielded (Low EMI) | | **Termination** | Lead-free (RoHS compliant), Reflow soldering compatible | --- ### 2. Design and Construction The "TBD" series generally refers to a specific shielding and molding technology. * **Molded Construction:** The coil is embedded in a metallic powder mixture and molded under high pressure. This results in a solid block that is rugged and resistant to thermal shock. * **Magnetically Shielded:** The design minimizes leakage flux, which prevents interference with neighboring components on a PCB. * **Low DCR (DC Resistance):** These inductors are engineered to have very thick internal wiring to minimize energy loss as heat. --- ### 3. Common Applications The MA72TBD-R is found in power management stages of various electronics: 1. **DC/DC Converters:** Used in Buck, Boost, and SEPIC converters to store and release energy. 2. **Laptops and Tablets:** High-current power rails for CPUs and GPUs. 3. **Telecom Equipment:** Distributed power systems where high reliability is required. 4. **LED Drivers:** Smoothing the current supplied to high-brightness LEDs. --- ### 4. Part Number Breakdown (Typical) While naming conventions vary slightly by brand, they usually follow this logic: * **MA:** Series identifier (Mag.Layers/Metal Alloy). * **72:** Case size (roughly 7.5mm x 7.2mm). * **TBD:** Material or manufacturing process code. * **-R:** Generally indicates **Tape & Reel** packaging for automated pick-and-place machines. ---
    ✨ Follow-up Questions
    • ⤷What is the typical saturation current for an MA72 series inductor?
    • ⤷ How does a molded inductor compare to a traditional wire-wound inductor?
    • ⤷ What are the recommended soldering temperature profiles for the MA72TBD-R?