データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA73FCA-R

  • AI
    The **MA73FCA-R** is a specific model of a **Compact SFP (Small Form-factor Pluggable) Optical Transceiver**, typically associated with communication network hardware (often branded under manufacturers like Allied Telesis). Below is a breakdown of its electronic components, technical specifications, and functions. --- ### 1. Technical Specifications The MA73FCA-R is designed for bidirectional communication over a single strand of fiber (BiDi). | Feature | Specification | | :--- | :--- | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Transmission Media** | Single-Mode Fiber (SMF) | | **Connector Type** | LC Simplex (Single Strand) | | **Data Rate** | 100 Mbps (Fast Ethernet) | | **Max Distance** | Up to 15 km | | **Wavelength** | TX: 1310nm / RX: 1550nm (Standard BiDi pairing) | | **Monitoring** | DDM / DOM (Digital Diagnostic Monitoring) support | --- ### 2. Internal Electronic Architecture The module consists of several critical electronic sub-assemblies that handle the conversion between electrical and optical signals: #### A. The Optical Sub-Assemblies (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains a laser diode (likely a Fabry-Pérot or DFB laser) that converts electrical pulses from the switch into 1310nm light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a photodiode that senses incoming 1550nm light and converts it back into an electrical current. * **WDM Filter:** An internal micro-prism or filter that allows 1310nm and 1550nm light to travel on the same fiber strand without interference. #### B. The Integrated Circuits (ICs) * **Laser Driver:** Controls the TOSA’s laser diode, ensuring the signal is clean and maintains the correct "extinction ratio" (the difference between 'on' and 'off' states). * **Limiting Amplifier / TIA (Transimpedance Amplifier):** The TIA sits inside the ROSA to amplify the tiny current from the photodiode, while the Limiting Amplifier cleans up the signal for the host device. * **EEPROM:** A small memory chip that stores the manufacturer’s data, serial number, and "fingerprint" so the network switch can identify the module. #### C. Control and Management * **MCU (Microcontroller):** Manages the DDM functions, monitoring internal temperature, laser bias current, and optical power levels in real-time. --- ### 3. Pinout Configuration The electrical interface consists of a 20-pin gold-finger connector. Key pins include: | Pin | Symbol | Function | | :--- | :--- | :--- | | 1 | VeeT | Transmitter Ground | | 2 | TX Fault | Indicates laser malfunction | | 3 | TX Disable | Optical output power-off switch | | 4/5 | SDA/SCL | 2-wire serial interface for I2C communication | | 12/13 | RD- / RD+ | Received Data (Differential Pair) | | 18/19 | TD+ / TD- | Transmit Data (Differential Pair) | --- ### 4. Application Context The "R" in the suffix usually denotes that this is the **receiver-end** of a pair. Because it uses BiDi (Bidirectional) technology, you cannot use two identical MA73FCA-R units together. You must pair it with a complementary unit (often labeled "S" or using 1550nm TX / 1310nm RX) to create a functional link.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SFP and CSFP in terms of port density?
    • ⤷ How do I interpret the DDM (Digital Diagnostic Monitoring) data from this module?
    • ⤷ Can this 100Mbps SFP work in a 1Gbps SFP port?