データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA73FCG-R

  • AI
    The **MA73FCG-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch) manufactured by companies like **CIT Relay & Switch**. It is a momentary pushbutton switch designed for low-current applications on printed circuit boards (PCBs). --- ## Technical Specifications The following table outlines the general electrical and mechanical characteristics typical for this series: | Parameter | Specification | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Circuit** | SPST (Single Pole Single Throw) | | **Current Rating** | 50mA @ 12VDC | | **Contact Resistance** | < 100 mΩ | | **Operating Force** | 160gf ± 50gf (Commonly) | | **Actuator Height** | 7.3mm (approximate) | | **Mounting Type** | Through-hole or Surface Mount (model dependent) | --- ## Key Features * **Tactile Feedback:** Provides a distinct "click" sensation to the user, confirming that the contact has been made. * **Gold Plating (Optional):** The "G" in the suffix often denotes **Gold-plated contacts**, which offer superior corrosion resistance and better conductivity for low-voltage signals. * **Compact Footprint:** Designed to save space on dense PCBs, commonly used in consumer electronics. * **RoHS Compliant:** The "-R" suffix usually indicates compliance with the **Restriction of Hazardous Substances** directive. --- ## Common Applications These switches are ubiquitous in modern electronics due to their reliability and small size: 1. **Consumer Electronics:** Power buttons on remote controls, volume buttons on handheld devices. 2. **Industrial Controls:** Reset switches and mode selectors on control panels. 3. **Computing:** Keyboards, mice, and peripheral interface buttons. 4. **Medical Equipment:** Interface buttons for diagnostic tools. --- ## Component Structure The internal architecture of the MA73FCG-R consists of: * **Actuator:** The top part that the user presses. * **Cover:** Usually metal or plastic to hold the internals. * **Contact Dome:** A stainless steel or copper alloy dome that collapses when pressed to complete the circuit. * **Base:** High-temperature plastic housing the terminals.
    ✨ Follow-up Questions
    • ⤷ What is the exact pin spacing for the MA73FCG-R footprint?
    • ⤷ How does gold plating compare to silver plating in tactile switches?
    • ⤷ What is the expected mechanical life cycle of this switch?