データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA73TAG-R

  • AI
    The **MA73TAG-R** is a specific part number typically associated with high-precision magnetic rotary encoders or angular sensors, often manufactured by companies like **MPS (Monolithic Power Systems)** or specialized sensor brands. These components are designed to detect the angular position of a rotating magnet. --- ### 1. General Specifications The "MA" series generally refers to MagAlpha sensors, which utilize the Hall effect to measure the magnetic field vector in the plane of the chip. | Feature | Description | | :--- | :--- | | **Sensor Type** | Contactless Magnetic Angular Sensor | | **Technology** | SpinAxis™ Hall measurement (Real-time detection) | | **Resolution** | Typically 8 to 14 bits (depending on specific sub-revision) | | **Output Type** | SPI, PWM, or ABZ Quadrature Encoder signals | | **Package** | Usually QFN-16 (3x3mm) or similar compact footprint | | **Operating Voltage** | Generally 3.3V | --- ### 2. Key Internal Components The MA73TAG-R consists of several integrated electronic blocks: * **Hall Element Array:** A circular array of sensors that detect the horizontal component of a magnetic field. * **Digital Signal Processor (DSP):** Converts the analog sine/cosine signals from the Hall elements into a digital angle value. * **Non-Volatile Memory (OTP/EEPROM):** Used to store configuration settings like zero-point offset and filter settings. * **Output Drivers:** Logic gates that handle the communication protocols (SPI for configuration, PWM for raw angle). --- ### 3. Pinout and Connectivity While exact pinouts vary by package, a standard MagAlpha sensor usually includes: | Pin Category | Function | | :--- | :--- | | **VDD/GND** | Power supply (typically 3.0V - 3.6V) | | **MOSI/MISO/SCLK/CS** | SPI interface for high-speed digital angle reading | | **A/B/Z** | Incremental encoder outputs (emulates optical encoders) | | **PWM** | Pulse Width Modulation output proportional to the angle | --- ### 4. Typical Applications The "TAG" designation often implies specific automotive or industrial grading (Temperature and Accuracy Grade). * **Robotics:** Joint position sensing for servo motors. * **Automotive:** Electronic throttle control or steering angle sensors. * **Human-Machine Interface (HMI):** Digital knobs and rotary dials with high durability. --- ### 5. Implementation Requirements To use the MA73TAG-R, you generally need: 1. **Diametrically Magnetized Magnet:** A small cylindrical magnet placed 1-3mm above the chip. 2. **Decoupling Capacitors:** Usually 100nF and 1µF close to the VDD pin to reduce noise. 3. **Microcontroller:** To read the SPI data and process the angular information. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum RPM supported by the MA73TAG-R series?
    • ⤷ How does the SpinAxis technology differ from traditional Hall sensors?
    • ⤷ What are the specific temperature ratings for the 'TAG' grade version?