データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA73TBA-R

  • AI
    ## Overview of the MA73TBA-R The **MA73TBA-R** is a specific electronic component typically identified as a **Metal Oxide Varistor (MOV)** produced by manufacturers like Mitsubishi Materials or similar industrial suppliers. It is primarily used for surge protection and voltage suppression in electronic circuits. --- ### Technical Specifications The following table outlines the general characteristics associated with this part number: | Characteristic | Description | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Primary Function** | Transient Voltage Suppression (TVS) | | **Mounting Type** | Radial Lead (Through-hole) | | **Response Time** | Fast (typically < 25 nanoseconds) | | **Standard Applications** | Power supplies, consumer electronics, industrial controllers | --- ### Core Electronic Functions 1. **Surge Protection**: The device acts as a variable resistor. When a high-voltage spike (transient) occurs, the resistance drops sharply, allowing the excess current to be shunted to ground, protecting sensitive downstream components. 2. **Voltage Clamping**: It "clamps" the voltage to a safe level during an overvoltage event. 3. **Bi-directional Operation**: Like most MOVs, it can handle transients in both positive and negative directions, making it suitable for AC line protection. --- ### Typical Circuit Integration In a standard application, the MA73TBA-R is placed in parallel with the load it is intended to protect. ```mermaid graph LR A[AC Input] --- B[Fuse] B --- C[MA73TBA-R] C --- D[Ground/Neutral] B --- E[Load/Internal Circuit] ``` ### Key Considerations for Use * **Energy Rating (Joules)**: Ensure the component can handle the specific energy pulse expected in your environment. * **Clamping Voltage**: This must be higher than the normal operating voltage but lower than the maximum voltage the protected circuit can withstand. * **Degradation**: MOVs degrade slightly with every surge they absorb. Over time, the leakage current may increase, leading to component failure. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum energy rating in Joules for the MA73TBA-R?
    • ⤷ How does this varistor compare to a TVS diode in terms of response time?
    • ⤷ What are the common failure modes for this specific part?