データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA73TCX-R

  • AI
    Based on the part number **MA73TCX-R**, this component is a high-performance **Magnetic Angular Position Sensor** (often referred to as a MagAlpha sensor) manufactured by **Monolithic Power Systems (MPS)**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Functional Overview The MA73TCX-R is an integrated circuit designed to detect the absolute angular position of a permanent magnet (typically a diametrically magnetized cylinder) rotating above or beside the chip. | Feature | Specification / Description | | :--- | :--- | | **Technology** | SpinAxis™ Hall Effect technology | | **Resolution** | 8 to 14 bits (programmable) | | **Output Type** | Digital (SPI, SSI, PWM) and Incremental (ABZ) | | **Operating Voltage** | 3.3V (Typical) | | **Package** | QFN-16 (3mm x 3mm) | | **Automotive Grade** | Often available in AEC-Q100 qualified versions | --- ## 2. Key Electronic Features ### A. High-Speed Performance Unlike traditional Hall sensors that use slow analog-to-digital conversion, the "SpinAxis" technology allows for: * **Low Latency:** Data processing is extremely fast, making it suitable for high-speed motor control (up to 100,000+ RPM). * **High Refresh Rate:** Real-time angle sampling. ### B. Programmable Parameters The "TCX" variant allows for specific internal configurations via non-volatile memory (NVM): * **Zero Point:** Users can electronically set the "zero" angle without mechanical alignment. * **Resolution vs. Bandwidth:** Users can trade off resolution for speed depending on the application. * **Magnetic Field Thresholds:** Detection of "magnet too far" or "magnet too close." ### C. Output Interfaces The device supports multiple simultaneous outputs: 1. **SPI (Serial Peripheral Interface):** Used for primary angle reading and register configuration. 2. **PWM (Pulse Width Modulation):** Provides the angle as a duty cycle. 3. **ABZ / Quadrature:** Emulates a standard optical encoder for easy integration into existing motor controllers. --- ## 3. Application Use Cases The MA73 series is commonly found in precision electronics where space is limited and reliability is critical: * **BLDC Motors:** Commutation and position feedback. * **Robotics:** Joint position sensing. * **HMI (Human Machine Interface):** Digital knobs and rotary dials. * **Drones:** Gimbal stabilization and motor control. --- ## 4. Typical Circuit Integration When designing with the MA73TCX-R, the following components are usually required: ```mermaid graph LR A[3.3V Supply] --> B(Decoupling Caps 100nF/1uF) B --> C[MA73TCX-R] C --> D[Microcontroller SPI] C --> E[Motor Controller ABZ] F[Magnet] -. Magnetic Field .-> C ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between the MA730 and the MA732/734 variants?
    • ⤷ How do I calculate the optimal air gap between the magnet and the MA73TCX sensor?
    • ⤷ What is the specific meaning of the 'R' suffix in the part number?