データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA74TAX-R

  • AI
    The **MA74TAX-R** is a specific surface-mount electronic component, typically categorized as a **Small Signal Diode** or a **Switching Diode**. It is frequently manufactured by **Panasonic** (though sometimes sourced via alternative suppliers like Rohm under similar naming conventions). Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The MA74TAX-R is designed for high-speed switching applications. Its primary function is to allow current to flow in one direction while blocking it in the reverse direction, with a focus on minimizing delay during transitions. | Property | Specification | | :--- | :--- | | **Component Type** | Silicon Epitaxial Planar Diode | | **Configuration** | Single Diode | | **Package Type** | Mini2-G3-B (Similar to SOD-323/SC-76) | | **Primary Use** | High-speed switching, Waveform clipping | --- ## 2. Key Electrical Characteristics These values are standard for the MA74TAX series at an ambient temperature of $25^{\circ}C$. | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | **Reverse Voltage (DC)** | $V_R$ | 80 V | | **Repetitive Peak Reverse Voltage** | $V_{RM}$ | 80 V | | **Forward Current (DC)** | $I_F$ | 100 mA | | **Peak Forward Current** | $I_{FM}$ | 225 mA | | **Reverse Recovery Time** | $t_{rr}$ | 3.0 ns (Typical) | | **Power Dissipation** | $P_D$ | 150 mW | --- ## 3. Technical Features * **High-Speed Switching:** The very low reverse recovery time ($t_{rr}$) of 3ns makes it ideal for digital circuits and high-frequency signal processing. * **Small Footprint:** The "Mini2" package is designed for high-density surface mount technology (SMT) on PCBs. * **Low Capacitance:** Low terminal capacitance ensures minimal signal distortion in high-speed applications. --- ## 4. Pin Configuration and Marking The device is a two-terminal component: 1. **Anode:** The positive terminal. 2. **Cathode:** The negative terminal (usually marked with a band or a specific notch on the package). ```text Package Top View +-----------------+ | | | | [A] --|-- [K] | <-- K is the Cathode (Marked side) | | | +-----------------+ ``` --- ## 5. Typical Applications * **Logic Circuits:** Used for "OR" gates or protecting inputs from reverse polarity. * **Signal Detection:** Used in radio frequency (RF) detection or signal rectification. * **General Switching:** Common in consumer electronics, telecommunications, and industrial control boards.
    ✨ Follow-up Questions
    • ⤷ What are the alternative replacement parts for the MA74TAX-R?
    • ⤷ How does the reverse recovery time affect high-frequency circuit performance?
    • ⤷ Can this diode be used for power rectification in high-current power supplies?