データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA74TCG-R

  • AI
    The **MA74TCG-R** is a specific part number typically associated with **Micro-Acoustic** or high-precision electronic components, often categorized within the realm of quartz crystals or oscillators used for frequency control. Below is a detailed breakdown of the electronic characteristics and specifications generally associated with this series. --- ### 1. General Specifications The MA74 series is characterized by its miniature surface-mount design, optimized for high-density PCB layouts. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Quartz Crystal Unit / Resonator | | **Package Type** | SMD (Surface Mount Device) | | **Package Size** | 7.0 x 5.0 mm (approx) | | **Frequency Range** | Varies (Typically MHz range) | | **Load Capacitance** | Specific to circuit (e.g., 10pF, 12pF, 18pF) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Part Number Breakdown While manufacturer coding varies slightly, the suffixing usually follows this logic: * **MA74**: The series identifier (defines the physical dimensions and ceramic package type). * **TCG**: This represents the internal tolerance and stability specifications. * **T**: Often refers to Temperature Stability. * **C/G**: Refers to specific PPM (parts per million) accuracy (e.g., ±30ppm). * **-R**: Generally indicates **RoHS Compliant** or **Tape and Reel** packaging for automated assembly. --- ### 3. Key Electronic Characteristics #### A. Frequency Stability This part is designed to maintain a stable clock signal despite fluctuations in temperature. This is critical for timing in microcontrollers and communication interfaces. #### B. ESR (Equivalent Series Resistance) The "MA" series typically features low ESR. A lower ESR ensures that the oscillation starts quickly and consumes less power, which is vital for battery-operated devices. #### C. Drive Level The component is rated for a specific drive level (usually in microwatts). Exceeding this can cause physical damage to the quartz crystal inside the ceramic housing. --- ### 4. Typical Applications Components like the MA74TCG-R are found in: 1. **Telecommunications:** Base stations and routers requiring precise timing. 2. **Industrial Automation:** PLCs and sensor nodes. 3. **Consumer Electronics:** High-end audio equipment or PC peripherals. 4. **Embedded Systems:** Providing the external clock for MCUs (Microcontrollers). --- ### 5. Technical Precautions * **Soldering:** Being an SMD component, it requires a specific reflow profile to avoid "thermal shock" to the crystal. * **Layout:** Place the component as close to the IC pins as possible to minimize parasitic capacitance and EMI.
    ✨ Follow-up Questions
    • ⤷ What is the specific frequency of the MA74TCG-R variant you are looking for?
    • ⤷ Do you need a comparison between this SMD package and through-hole HC-49 crystals?
    • ⤷ Are you looking for a direct cross-reference or equivalent from another manufacturer like Epson or CTS?