データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA74TCX-R

  • AI
    The **MA74TCX-R** belongs to a specific series of miniature high-frequency power inductors, typically manufactured by companies like **Eaton (formerly Coiltronics)** or similar high-reliability electronic component vendors. These parts are engineered for high-density power conversion applications. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electrical and physical characteristics: | Parameter | Description | Typical Value/Range | | :--- | :--- | :--- | | **Inductance** | Nominal inductance value | Specified by the "74" code (typically 0.74µH) | | **Tolerance** | Accuracy of inductance | Typically ±20% | | **Current Rating (Isat)** | Saturation current | High (often >15A depending on size) | | **Current Rating (Irms)** | Continuous thermal current | Based on temperature rise (e.g., 40°C rise) | | **DCR** | Direct Current Resistance | Very low (mΩ range) to minimize power loss | | **Operating Temp** | Thermal limits | -40°C to +125°C | --- ### 2. Physical Characteristics The **MA** series is generally characterized by its **Molded Alloy** construction. * **Construction:** Metal composite powder. This design allows for "soft saturation," meaning the inductance doesn't drop off instantly when current increases. * **Shielding:** Naturally magnetically shielded due to the molded construction, which reduces Electromagnetic Interference (EMI). * **Size:** The "74" often refers to the footprint dimensions (e.g., approx 7.0mm x 4.0mm height, though this varies by exact manufacturer spec). * **Termination:** Lead-free, RoHS compliant "R" suffix indicating tin-plated surface mount (SMD) pads. --- ### 3. Functional Applications These components are primarily used in **DC-DC Converters** where space is limited and efficiency is critical. 1. **Voltage Regulator Modules (VRM):** Used in CPUs and GPUs for high-speed switching. 2. **Point-of-Load (POL) Converters:** Found in servers and networking gear. 3. **Battery Powered Devices:** Laptops and tablets where high efficiency translates to longer battery life. 4. **Automotive Infotainment:** Used in rugged environments requiring stable power delivery. --- ### 4. Advantages of the "TCX" Series Components with these designations often feature: * **High Frequency Performance:** Capable of switching speeds up to 5MHz. * **Low Core Loss:** Optimized for high-efficiency power stages. * **Thermal Stability:** The metal powder core handles high temperatures better than traditional ferrite cores. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific saturation current (Isat) ratings for the MA74TCX-R?
    • ⤷ How does a molded alloy inductor differ from a traditional ferrite core inductor?
    • ⤷ Can this part be used in automotive AEC-Q200 qualified applications?