データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA75FAD-R

  • AI
    Based on the provided part number **MA75FAD-R**, this typically refers to a high-precision, automotive-grade **MELF (Metal Electrode Leadless Face)** resistor, often manufactured by companies like **Vishay** or **KOA Speer**. --- ### ## Technical Specifications The part number follows a standard nomenclature for high-reliability thin-film resistors. Below are the typical electronic characteristics: | Parameter | Value / Description | | :--- | :--- | | **Component Type** | Precision Thin Film Resistor | | **Package Style** | MELF (Cylindrical Surface Mount) | | **Size Code** | 0204 (Mini-MELF) or 0207 (Large) | | **Resistance Tolerance** | Often ±1% or ±0.5% (High Precision) | | **Temperature Coefficient** | Low TCR (e.g., ±25 ppm/K to ±50 ppm/K) | | **Power Rating** | 0.25W to 0.4W (depending on size) | | **Operating Temperature** | -55°C to +155°C | --- ### ### Key Features 1. **MELF Construction**: Unlike standard flat-chip resistors, the MELF (cylindrical) shape provides superior thermal dissipation and mechanical stability under vibration. 2. **Sulfur Resistance**: These parts are typically designed to withstand harsh environments, making them "anti-sulfur." 3. **Automotive Grade**: Usually qualified under the **AEC-Q200** standard, ensuring reliability in engine control units (ECUs) and braking systems. 4. **Pulse Stability**: The cylindrical thin-film layer offers better pulse-load handling compared to standard thick-film resistors. --- ### ### Typical Applications * **Automotive Electronics**: Power steering, battery management systems (BMS), and lighting. * **Industrial Equipment**: Precision measurement tools and sensor interfaces. * **Telecommunications**: Base station power modules. * **Medical**: Diagnostic equipment requiring long-term stability. --- ### ### Part Number Breakdown (Generic Interpretation) | Segment | Meaning | | :--- | :--- | | **MA** | Series Designation (Metal Film / Automotive) | | **75** | Size or Power Rating (e.g., 0.4W) | | **F** | Tolerance (F = ±1%) | | **A** | Temperature Coefficient (A = ±25ppm or similar) | | **D** | Resistance Code (Value-specific) | | **-R** | Packaging (Tape & Reel) |
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value for the MA75FAD-R?
    • ⤷ How does a MELF resistor compare to a standard SMD chip resistor in terms of reliability?
    • ⤷ Is the MA75FAD-R AEC-Q200 qualified?