データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA75FBA-R

  • AI
    The **MA75FBA-R** is an advanced automotive-grade microwave radar sensor module, typically developed by **Mando-Hella Electronics (MHE)**. It is primarily used for Rear-Side safety applications in vehicles. --- ## 1. Core Technical Specifications The module operates within the 76–77 GHz frequency band, which is the global standard for high-resolution automotive radar. | Component / Feature | Specification | | :--- | :--- | | **Frequency Range** | 76GHz – 77GHz (W-Band) | | **Detection Range** | Up to 70–80 meters (Standard Rear) | | **Modulation** | FMCW (Frequency Modulated Continuous Wave) | | **Voltage Supply** | 9V to 16V (Standard 12V DC Vehicle Power) | | **Communication** | CAN (Controller Area Network) or CAN-FD | | **Safety Integrity** | ASIL-B / ASIL-C compliant | --- ## 2. Key Electronic Parts & Components The internal architecture of the MA75FBA-R is a highly integrated System-on-Chip (SoC) design. ### A. RF Front-End (MMIC) * **Monolithic Microwave Integrated Circuit:** This is the "heart" of the radar. It contains the voltage-controlled oscillators (VCO), power amplifiers for transmission, and low-noise amplifiers (LNA) for reception. * **Antenna Array:** It utilizes a PCB-embedded patch antenna design. The "R" designation often refers to a specific antenna pattern optimized for rear-side field of view. ### B. Signal Processing (DSP/MCU) * **Microcontroller:** Usually features a high-performance processor (like an Infineon Aurix or NXP S32R series) to handle Fast Fourier Transforms (FFT) and object clustering. * **Memory:** Integrated Flash and RAM for storing calibration data and real-time tracking algorithms. ### C. Interface and Power Management * **CAN Transceiver:** Handles data transmission between the radar and the vehicle's Central Gateway. * **PMIC (Power Management IC):** Regulates the noisy vehicle battery voltage down to the stable 1.0V, 1.8V, and 3.3V rails required by the high-frequency chips. --- ## 3. Functionality & Applications The electronics are programmed to support **ADAS (Advanced Driver Assistance Systems)** features: 1. **BSD (Blind Spot Detection):** Monitors zones not visible in side mirrors. 2. **LCA (Lane Change Assist):** Detects rapidly approaching vehicles in adjacent lanes. 3. **RCTA (Rear Cross-Traffic Alert):** Warns the driver of approaching vehicles while reversing out of a parking space. 4. **SEW (Safe Exit Warning):** Detects cyclists or cars when passengers are opening doors. --- ## 4. Hardware Connectivity The module typically uses a multi-pin automotive-grade connector (e.g., TE Connectivity or Molex). ```text Pinout Logic (Typical): 1. Battery (+) [VCC] 2. Ground (-) [GND] 3. CAN High 4. CAN Low 5. (Optional) Private CAN or Sync Pin ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MA75FBA-R and the MA75FBA-F models?
    • ⤷ Which automotive communication protocol does this radar use for data output?
    • ⤷ What are the mounting requirements for the MA75FBA-R to avoid signal interference?