データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA75FBG-R

  • AI
    The **MA75FBG-R** is a specific surface-mount electronic component, typically categorized as a **Schottky Barrier Diode**. These components are widely used in power management and signal processing due to their high switching speeds and low forward voltage drops. --- ### 1. Technical Specifications The MA75FBG-R is designed for efficiency in high-frequency applications. Below are its primary technical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Barrier Diode | High-speed semiconductor diode. | | **Package Type** | Mini2-F3-B / SOD-323 | Small, surface-mount plastic package. | | **Forward Current ($I_F$)** | ~30mA - 100mA | Maximum continuous current (varies by sub-series). | | **Reverse Voltage ($V_R$)** | 30V | Maximum voltage in reverse bias. | | **Forward Voltage ($V_F$)** | ~0.3V to 0.5V | Low voltage drop compared to standard silicon diodes. | | **Reverse Recovery Time ($t_{rr}$)** | Very Short | Ideal for high-speed switching. | --- ### 2. Key Features The "FBG" series by manufacturers like Panasonic often emphasizes the following attributes: * **Low Capacitance:** Reduces signal distortion in high-frequency circuits. * **Small Footprint:** The Mini2 (SOD-323) package saves significant PCB real estate, making it ideal for mobile devices and wearables. * **High Reliability:** Designed for stable performance across a wide temperature range. * **Fast Switching:** Minimal charge storage allows for rapid transition between conducting and non-conducting states. --- ### 3. Pinout and Internal Structure The device typically follows the standard two-terminal diode configuration: ```text [ K ] (Cathode - Marked with a band) | | +-------+ | [ ] | Package: SOD-323 +-------+ | | [ A ] (Anode) ``` --- ### 4. Common Applications Due to its Schottky characteristics, the MA75FBG-R is used in: 1. **Rectification:** Converting small AC signals to DC in RF circuits. 2. **Clamping/Protection:** Protecting sensitive IC inputs from voltage spikes. 3. **Reverse Polarity Protection:** Preventing damage if batteries are inserted incorrectly (in low-power devices). 4. **Logic Circuits:** Used in high-speed digital switching logic. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal resistance values for the MA75FBG-R package?
    • ⤷ Can you provide a comparison between the MA75FBG-R and a standard 1N4148 diode?
    • ⤷ Which manufacturers currently produce the MA75FBG-R series?