データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA75FCA-R

  • AI
    The **MA75FCA-R** is a specialized high-power electronic component, typically categorized as a **Silicon Controlled Rectifier (SCR)** or **Thyristor** module. These parts are designed for heavy-duty industrial applications where precise control of high AC or DC currents is required. --- ## Technical Specifications Overview The following table summarizes the typical parameters for this series of power modules: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Thyristor (SCR) | A four-layer semiconductor device acting as a switch. | | **Max Voltage ($V_{DRM}/V_{RRM}$)** | 800V - 1600V | The maximum repetitive peak off-state and reverse voltage. | | **Current Rating ($I_T$)** | 75A | Continuous average on-state current. | | **Configuration** | Single or Dual | Often found in a "Fast Recovery" or "Phase Control" layout. | | **Package Type** | Module (Isolated) | Usually a bolt-down metal baseplate for heatsink mounting. | --- ## Key Internal Parts and Materials The MA75FCA-R consists of several critical internal elements to ensure performance under high thermal stress: ### 1. The Silicon Die (Wafer) The heart of the component is the P-N-P-N semiconductor structure. In the "FCA" series, these are often optimized for **fast switching** or **low conduction losses**. ### 2. Direct Bonded Copper (DBC) Substrate To handle 75 Amps, the internal silicon is soldered onto a DBC substrate. This provides: * **Electrical Isolation:** Allows the module to be bolted to a metal heatsink without shorting. * **Thermal Conductivity:** Efficiently moves heat away from the silicon die. ### 3. Terminals and Interconnects * **Anode/Cathode Terminals:** Heavy-duty screw terminals (usually M5 or M6) to handle high current density. * **Gate Lead:** A smaller terminal used to inject a pulse of current to "fire" (turn on) the device. --- ## Applications Because the MA75FCA-R can handle significant power, it is commonly found in the following electronic systems: 1. **Motor Starters:** Controlling the ramp-up speed of large industrial motors. 2. **Battery Chargers:** Regulating high-current charging cycles for forklifts or UPS systems. 3. **Welding Equipment:** Used in the rectification stage to provide stable DC arc power. 4. **Heating Control:** Managing resistive heating elements in industrial furnaces. --- ## Critical Handling Notes * **Thermal Management:** This part **must** be mounted on a heatsink with thermal paste. Without active or passive cooling, the 75A current will cause immediate thermal runaway and failure. * **Snubber Circuits:** It is highly recommended to use an RC snubber circuit across the terminals to protect the internal silicon from voltage spikes ($dv/dt$ stress).
    ✨ Follow-up Questions
    • ⤷ What is the peak surge current rating for the MA75FCA-R?
    • ⤷ Can this module be used in a bridge rectifier configuration?
    • ⤷ What are the recommended gate trigger voltage and current for this part?