データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA75FCX-R

  • AI
    The **MA75FCX-R** is a high-performance, compact cooling solution, typically identified as a **Micro Blower** or centrifugal fan manufactured by companies like **Copal Electronics** (Nidec). These components are designed for high-density electronic environments where space is limited but thermal management is critical. --- ### 1. Key Technical Specifications The "MA" series generally focuses on ultra-compact air movement. Below are the typical electronic and physical characteristics associated with this part: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Micro Blower (Centrifugal Fan) | | **Operating Voltage** | 5V DC (standard for micro-electronics) | | **Bearing Type** | Fluid Dynamic Bearing (FDB) or Sleeve | | **Motor Type** | Brushless DC (BLDC) Motor | | **Housing Material** | Thermoplastic (PBT/LCP) | | **Connection Type** | Lead wires or FPC (Flexible Printed Circuit) | --- ### 2. Core Electronic Components The internal architecture of the MA75FCX-R consists of several sophisticated electronic sub-systems: #### A. Brushless DC (BLDC) Motor Unlike traditional brushed motors, this part uses a **brushless** design. - **Stator:** Permanent coils that create a rotating magnetic field. - **Rotor:** A permanent magnet attached to the fan blades. - **Benefits:** No brush wear means a significantly longer lifespan and lower electromagnetic interference (EMI). #### B. Integrated Drive IC The "brains" of the blower are located on a tiny internal PCB: - **Commutation Logic:** Uses Hall-effect sensors (or sensorless back-EMF) to determine rotor position and switch current to the coils. - **Soft Start:** Prevents current spikes during power-up to protect the host device's power supply. - **Auto-Restart:** If the fan is obstructed, the IC cuts power and periodically attempts to restart to prevent coil burnout. #### C. Control Signals (Optional depending on lead count) The "R" suffix often denotes specific wiring configurations: - **PWM (Pulse Width Modulation):** Allows the host system to control fan speed precisely. - **Tachometer (FG Signal):** Provides feedback to the CPU to monitor the actual RPM. --- ### 3. Applications Due to its small footprint (often measuring around 15mm to 30mm), it is used in: 1. **Medical Devices:** Portable oxygen concentrators or diagnostic tools. 2. **Projectors:** Cooling internal light engines. 3. **Head-Mounted Displays:** VR/AR headsets where weight and vibration must be minimized. 4. **Thin Laptops/Tablets:** Directing airflow over heat pipes in ultra-slim chassis. --- ### 4. Advantages * **High Static Pressure:** Centrifugal blowers are better at pushing air through restricted spaces (heatsinks) than axial fans. * **Low Noise:** Optimized blade geometry reduces aerodynamic turbulence. * **Reliability:** Designed for high MTBF (Mean Time Between Failures).
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimensions and CFM rating for this model?
    • ⤷ How does the 'R' suffix specifically change the wiring pinout?
    • ⤷ What are the power consumption limits for the MA75 series?