MA75TAX-R
AI

The **MA75TAX-R** refers to a high-reliability, radiation-hardened (Rad-Hard) Schottky Diode power module, typically manufactured by companies like Microsemi (now Microchip). These components are engineered for aerospace, satellite, and high-performance military applications.
---
### 1. Key Technical Specifications
The "R" suffix often indicates **Radiation Hardness Assurance (RHA)** levels, critical for space environments.
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Schottky Rectifier / Diode |
| **Configuration** | Dual Common Cathode (usually) |
| **Voltage Rating (Vrrn)** | ~45V to 150V (model dependent) |
| **Current Rating (Io)** | High Current (e.g., 60A - 75A per leg) |
| **Package Type** | TO-254 or similar high-reliability hermetic package |
| **Operating Temp** | -65°C to +150°C |
---
### 2. Physical and Structural Parts
The construction of the MA75TAX-R is designed for extreme durability and thermal management.
* **Silicon Die:** High-grade Schottky barrier chip designed for low forward voltage drop ($V_f$) to minimize power loss.
* **Hermetic Package:** Usually a ceramic-to-metal seal (like the TO-254) that prevents moisture and gas ingress, ensuring long-term reliability in a vacuum (space).
* **Internal Interconnects:** Heavy-duty wire bonding (often aluminum or gold) to handle high surge currents.
* **Baseplate:** Isolated or non-isolated copper/tungsten base used for efficient heat dissipation to a cold plate or heatsink.
---
### 3. Electronic Characteristics
#### Low Forward Voltage Drop
Because it is a Schottky diode, it has a lower $V_f$ than standard silicon diodes. This is crucial for efficiency in power supplies.
#### Fast Switching Speed
It features negligible reverse recovery time ($t_{rr}$), making it ideal for high-frequency switching regulators.
#### Radiation Hardening
The "electronic parts" within the semiconductor lattice are processed to resist:
* **TID (Total Ionizing Dose):** Accumulative damage from radiation.
* **SEE (Single Event Effects):** Instantaneous malfunctions caused by heavy ions.
---
### 4. Typical Applications
The MA75TAX-R is commonly found in the following electronic systems:
1. **Satellite Power Bus:** Rectification for solar array power systems.
2. **DC-DC Converters:** High-efficiency voltage regulation in avionics.
3. **Reverse Polarity Protection:** Protecting sensitive satellite electronics from power spikes or installation errors.
---
- ⤷
What is the exact current rating for the MA75TAX-R variant?
- ⤷ How does the hermetic TO-254 package differ from standard commercial packages?
- ⤷ What are the specific radiation dose ratings (krad) for this component?