データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA75TCX-R

  • AI
    The **MA75TCX-R** is a high-performance, three-phase brushless DC (BLDC) motor driver module, typically manufactured by companies like **Toshiba**. It is designed for high-efficiency motor control in industrial and consumer applications. --- ## 1. Core Specifications and Type The MA75TCX-R belongs to a category of integrated power modules (IPMs) or motor driver ICs that combine logic control with power output stages. | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | 3-Phase Brushless DC (BLDC) / PMSM | | **Control Method** | Sine-wave PWM or Square-wave | | **Operating Voltage** | Typically 100V - 600V (High Voltage range) | | **Output Current** | Rated for high-torque industrial loads | | **Package** | SIP (Single In-line Package) or specialized heat-sink mount | --- ## 2. Internal Electronic Components The module is an "Integrated" part, meaning it contains several sub-circuits within one housing: ### A. Power Stage (IGBTs/MOSFETs) The heart of the module consists of **six power switches** (usually IGBTs or MOSFETs) arranged in a three-phase bridge configuration. These handle the high-current switching required to rotate the motor. ### B. Gate Driver Circuitry This section converts low-voltage logic signals from a Microcontroller (MCU) into the high-voltage/high-current signals needed to trigger the power switches. It includes: * **Level Shifters:** To bridge the gap between low-voltage logic and high-voltage power. * **Dead-time Insertion:** Prevents short circuits by ensuring top and bottom switches aren't on simultaneously. ### C. Protection Features The "R" suffix often denotes specific revisions or integrated protection features, such as: * **Overcurrent Protection (OCP):** Shuts down the output if a stall or short occurs. * **Thermal Shutdown (TSD):** Monitors chip temperature to prevent melting. * **Undervoltage Lockout (UVLO):** Ensures the gates don't fire if the supply voltage is too low to operate safely. --- ## 3. Pin Configuration Overview While specific pinouts depend on the datasheet revision, the MA75TCX-R generally follows this structural layout: 1. **High-Voltage Inputs:** (VCC/P) Connection to the DC bus. 2. **Output Phases:** (U, V, W) Direct connections to the motor windings. 3. **Low-Voltage Logic:** (IN_U, IN_V, IN_W) PWM signals from the controller. 4. **Feedback/Sense:** Current sensing pins (Isense) used for closed-loop control. --- ## 4. Typical Application Circuit ```cpp // Logic Logic Diagram [ MCU / Controller ] ---> [ MA75TCX-R Driver ] ---> [ BLDC Motor ] ^ | | v +--- [ Current Sensing / Back-EMF ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage and current ratings for the MA75TCX-R?
    • ⤷ Can this driver be used for sensorless FOC (Field Oriented Control)?
    • ⤷ What is the recommended heat sink size for this module under full load?