データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA76FBA-R

  • AI
    The **MA76FBA-R** is a specific surface-mount electronic component, typically categorized as a **High-Frequency Schottky Barrier Diode**. These components are widely used in telecommunications, RF (Radio Frequency) circuits, and high-speed switching applications. --- ## 1. Technical Specifications The following table summarizes the core electronic characteristics of the MA76FBA-R: | Parameter | Characteristic | Typical Value | | :--- | :--- | :--- | | **Component Type** | Diode | Schottky Barrier | | **Configuration** | Single | 2-pin | | **Forward Voltage ($V_F$)** | Low | ~0.35V to 0.5V | | **Reverse Voltage ($V_R$)** | Peak | 20V - 30V | | **Capacitance ($C_t$)** | Ultra-Low | < 1.0 pF (at 1MHz) | | **Package Type** | Surface Mount | SS-Mini 2-Pin (similar to SOD-523) | --- ## 2. Key Features & Functions The "MA" series is often manufactured by **Panasonic** or associated semiconductor vendors. Its design focuses on three primary electronic principles: ### A. Low Forward Voltage ($V_F$) Because it is a Schottky diode, it uses a metal-semiconductor junction rather than a P-N junction. This results in a lower voltage drop, leading to higher efficiency and less heat dissipation during conduction. ### B. High-Speed Switching Schottky diodes have virtually zero reverse recovery time ($t_{rr}$). This makes the MA76FBA-R ideal for: * High-frequency rectification. * Signal detection in RF circuits. ### C. Low Terminal Capacitance The "FBA" variant is optimized for low capacitance, which minimizes signal distortion at high frequencies (GHz range), preventing the diode from acting like a capacitor and "leaking" AC signals. --- ## 3. Application Use Cases The MA76FBA-R is commonly found in the following electronic environments: 1. **Mobile Communication:** Used in cellular handsets for signal mixing and detection. 2. **Clamping Circuits:** Protecting sensitive IC inputs from voltage spikes. 3. **Mixer & Detector:** Converting high-frequency RF signals down to lower intermediate frequencies (IF). 4. **Power Management:** Small-scale DC-DC converters where high-speed switching is required. --- ## 4. Package Marking and Identification In the electronics industry, these small parts often use "marking codes" rather than the full part number due to size constraints. * **Marking:** Usually a 2-character code (e.g., "M1" or "7A"). * **Orientation:** The cathode is marked with a bar on the plastic body.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the MA76FBA-R?
    • ⤷ Can this diode be used in power rectification for high-current loads?
    • ⤷ What is the specific thermal resistance rating for the SS-Mini 2-pin package?