データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA76FBD-R

  • AI
    The **MA76FBD-R** is an electronic component primarily classified as a **Precision Thin Film Chip Resistor**. These components are widely used in circuitry where stability, low noise, and high accuracy are critical. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for the MA76 series: | Parameter | Characteristic | | :--- | :--- | | **Component Type** | Thin Film Chip Resistor | | **Resistance Tolerance** | Often $\pm0.1\%$ or $\pm0.5\%$ (High Precision) | | **Temperature Coefficient (TCR)** | Low (typically $\pm15$ to $\pm50$ ppm/°C) | | **Operating Temperature** | -55°C to +155°C | | **Construction** | Metal film on high-grade ceramic | | **Termination** | Lead-free (RoHS Compliant), usually Sn (Tin) | ### 2. Breakdown of the Part Number Logic While part numbering varies slightly by manufacturer, the suffix and prefix usually denote the following: * **MA76:** The specific series or body size code (often related to the footprint, e.g., 0603 or 0805 equivalent). * **F:** Frequently represents the **Tolerance** (F = $\pm1\%$). * **BD:** Often denotes the **Temperature Coefficient** or specific packaging style. * **R:** Usually stands for **Tape & Reel** packaging, indicating the component is supplied on a reel for automated SMT (Surface Mount Technology) assembly. --- ### 3. Electronic Advantages Thin film resistors like the MA76FBD-R differ from standard "Thick Film" resistors in several ways: 1. **Low Noise:** The sputtered metal film creates a very uniform layer, resulting in significantly lower thermal noise. This is essential for audio pre-amps and sensitive measuring equipment. 2. **Long-Term Stability:** They maintain their resistance value over thousands of hours of operation much better than general-purpose resistors. 3. **High Frequency Performance:** Due to their construction, they have lower parasitic inductance and capacitance, making them suitable for high-speed signal processing. ### 4. Common Applications * **Medical Electronics:** Precision monitoring devices. * **Automotive:** Engine control units and sensor interfaces. * **Industrial:** Power supplies and test/measurement instrumentation. * **Telecommunications:** Base station equipment. --- ### 5. Footprint (Physical Layout) Since this is an SMT component, it requires a specific PCB land pattern. ```text Typical Surface Mount Layout: [Pad] --- [Resistor Body] --- [Pad] | (MA76) | ```
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimensions (package size) of the MA76 series?
    • ⤷ How does a thin film resistor compare to a thick film resistor in terms of cost?
    • ⤷ Which manufacturers are the primary producers of the MA76 series?