AI

The **MA76FCG-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch) within the electromechanical category. These components are ubiquitous in consumer electronics, serving as the interface between human touch and digital circuitry.
---
### 1. Technical Specifications
The MA76FCG-R belongs to a family of miniature switches designed for high reliability and space-saving on Printed Circuit Boards (PCBs).
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Tactile Switch |
| **Mounting Type** | Surface Mount (SMT/SMD) |
| **Actuation Force** | Typically 160gf to 250gf (Gram-force) |
| **Dimensions** | Often 3x3mm or 4x4mm (Micro-miniature) |
| **Circuitry** | SPST - NO (Single Pole Single Throw - Normally Open) |
| **Contact Material** | Silver plated or Gold plated options |
| **Lifecycle** | 100,000 to 500,000 cycles |
---
### 2. Functional Description
As a **Normally Open (NO)** switch, the MA76FCG-R operates as follows:
* **Idle State:** The circuit is open; no current flows.
* **Actuated State:** When the user presses the button, the internal metal dome collapses, making contact with the base terminals and closing the circuit.
* **Tactile Feedback:** The "click" sensation felt by the user is a mechanical response from the internal dome, confirming the input.
---
### 3. Key Features
1. **Low Profile:** Designed for thin devices like smartphones, wearables, and remote controls.
2. **Tape and Reel Packaging:** The "-R" suffix usually denotes "Reel" packaging, which is essential for automated pick-and-place assembly lines.
3. **Reflow Solder Compatible:** The housing material is heat-resistant, allowing it to withstand the temperatures of industrial soldering ovens.
---
### 4. Typical Applications
The MA76FCG-R is used in any device requiring a compact user-input button:
* **Consumer Electronics:** Volume buttons on tablets, power buttons on cameras.
* **Wearables:** Smartwatches and fitness trackers.
* **Medical Devices:** Portable diagnostic equipment.
* **Computing:** Mouse buttons or reset switches on motherboards.
---
### 5. Part Number Breakdown (General Pattern)
* **MA:** Series designation (Micro-miniature Actuator).
* **76:** Size/Height code.
* **FCG:** Material/Force/Plating configuration (Force: Constant, Gold/Silver contact).
* **R:** Packaging (Reel).
- ⤷
What are the recommended soldering temperature profiles for the MA76FCG-R?
- ⤷ Can this switch be used in IP67-rated waterproof devices?
- ⤷ What are the common alternatives or equivalents for this specific part?