MA78FAX-R
AI

The **MA78FAX-R** is a specific part number typically associated with **TDK-Lambda** or similar power electronics manufacturers. It refers to a specialized AC-DC power supply module designed for industrial and medical applications.
---
### 1. General Specifications
Below are the primary technical characteristics of the MA78 series power modules:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | AC-DC Power Supply Module |
| **Mounting Type** | Chassis Mount / DIN Rail compatible |
| **Output Configuration** | Usually Single Output |
| **Input Voltage Range** | 85 - 265 VAC (Universal Input) |
| **Efficiency** | 85% - 92% (Typical) |
| **Cooling** | Convection or Forced Air |
---
### 2. Breakdown of Component Features
#### A. Power Conversion
The device utilizes **Switching Mode Power Supply (SMPS)** technology. It converts high-voltage alternating current (AC) from the grid into a stable, low-voltage direct current (DC) required for sensitive electronic circuits.
#### B. The "R" Suffix
In many industrial power supply naming conventions (including TDK-Lambda), the **-R** suffix often denotes:
* **Remote On/Off:** The ability to toggle the power supply electronically without breaking the main AC line.
* **RoHS Compliance:** Certification that the part is lead-free and environmentally safe.
* **Redundancy Support:** Features allowing the unit to be used in N+1 configurations.
#### C. Protection Circuits
To ensure the safety of the connected electronics, the MA78FAX-R includes:
1. **Overvoltage Protection (OVP):** Shuts down the unit if output voltage exceeds safety limits.
2. **Overcurrent Protection (OCP):** Limits current output to prevent thermal runaway.
3. **Short Circuit Protection:** Instantaneous shutdown in the event of a direct short.
---
### 3. Common Applications
Due to its reliability and compact form factor, this part is commonly used in:
* **Industrial Automation:** Powering PLCs, sensors, and HMI panels.
* **Telecommunications:** Base station equipment and networking hardware.
* **Medical Equipment:** Devices requiring low leakage current and high isolation (if rated for medical use).
* **Test and Measurement:** Benchtop instruments requiring stable DC rails.
---
### 4. Installation and Wiring
The module typically features screw terminal blocks for secure connections:
* **L / N / FG:** Line, Neutral, and Frame Ground (Earth) for AC input.
* **+V / -V:** Positive and Negative DC output terminals.
* **V-Adj:** A small potentiometer to fine-tune the output voltage (e.g., adjusting 12V to 12.5V).
- ⤷
What is the specific output voltage and wattage for the MA78FAX-R?
- ⤷ Is the MA78FAX-R compatible with DIN rail mounting systems?
- ⤷ What are the primary differences between the MA78FAX-R and standard MA series models?