データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA78FBA-R

  • AI
    The **MA78FBA-R** is an electronic component primarily classified as a **high-precision, ultra-low power voltage reference** or monitoring IC, typically manufactured by suppliers like Murata or similar specialty semiconductor firms. These parts are designed for high-stability applications where voltage consistency is critical. --- ### 1. Key Technical Specifications The following table outlines the typical characteristics found in the MA78 series of precision components: | Feature | Specification (Typical) | |:---|:---| | **Component Type** | Precision Voltage Reference / Regulator | | **Output Voltage** | 0.8V to 1.5V (Application Dependent) | | **Operating Temperature** | -40°C to +85°C | | **Package Type** | Surface Mount (SMD/SMT) | | **Tolerance** | ±1% to ±2% | | **Low Power Mode** | Supported (uA range) | --- ### 2. Core Functional Blocks The internal architecture of the MA78FBA-R usually consists of the following sections: 1. **Bandgap Reference:** The heart of the chip that provides a temperature-compensated stable voltage. 2. **Error Amplifier:** Compares the output to the reference to ensure constant regulation. 3. **Thermal Shutdown:** Protects the circuitry if the internal temperature exceeds safe limits. 4. **Output Buffer:** Ensures that the output can drive small loads without dropping the reference voltage. --- ### 3. Application Use-Cases The MA78FBA-R is commonly integrated into the following systems: * **IoT Devices:** Used in battery-powered sensors where power consumption must be kept to a minimum. * **A/D Converters:** Acts as the external reference voltage for Analog-to-Digital conversion to ensure measurement accuracy. * **Precision Instruments:** Handheld multimeters or medical diagnostic tools requiring stable power rails. * **Communication Modules:** Providing clean power to RF (Radio Frequency) oscillators. --- ### 4. Implementation Example In a standard circuit, the MA78FBA-R requires minimal external components. Here is a conceptual representation of its integration: ```markdown [Input Voltage (Vin)] ---- [MA78FBA-R] ---- [Vout (Stable)] | [Ground (GND)] | (Smoothing Capacitor) ``` **Note:** Always check the specific manufacturer's datasheet for the exact pinout and maximum voltage ratings before soldering, as "R" suffixes often denote specific packaging (Tape & Reel) or slight variations in tolerance.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the MA78FBA-R?
    • ⤷ How does the 'R' suffix change the component specifications?
    • ⤷ What are the recommended decoupling capacitor values for this IC?