データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA78TBD-R

  • AI
    The **MA78TBD-R** is an electronic component primarily classified as a **High-Frequency Diode** or **Schottky Barrier Diode**, typically manufactured by Panasonic (or under the Panasonic brand legacy). These parts are designed for high-speed switching and small-signal applications. --- ### 1. Key Technical Specifications Below are the typical electrical characteristics for this series: | Parameter | Value (Typical) | Unit | | :--- | :--- | :--- | | **Reverse Voltage ($V_R$)** | 30 | Volts (V) | | **Forward Current ($I_F$)** | 30 | Milliamperes (mA) | | **Forward Voltage ($V_F$)** | 0.4 to 1.0 | Volts (V) | | **Reverse Current ($I_R$)** | < 0.3 | Microamperes (µA) | | **Terminal Capacitance ($C_t$)** | 0.6 to 1.5 | Picofarads (pF) | | **Operating Temperature** | -55 to +125 | °C | --- ### 2. Physical and Packaging Details The "R" suffix often refers to the **Tape and Reel** packaging format for automated SMT (Surface Mount Technology) assembly. * **Package Type:** Usually comes in a **Mini-type 3-pin** or **SSMini3** package (SOT-23 or SOT-323 equivalents). * **Configuration:** It often features a **Series Connection** (two diodes in one package) or a single diode depending on the specific internal sub-code. * **Material:** Silicon Schottky Barrier. --- ### 3. Core Applications Due to its low capacitance and fast recovery time, the MA78TBD-R is used in the following scenarios: 1. **High-Frequency Rectification:** Ideal for high-speed switching circuits where standard diodes are too slow. 2. **Mixer and Detector:** Used in RF (Radio Frequency) circuits for signal detection. 3. **Clamping/Protection:** Protecting sensitive integrated circuits from voltage spikes due to its low forward voltage drop. 4. **Logic Circuits:** Facilitating high-speed logic level shifts. --- ### 4. Circuit Symbol Representation In a schematic, this component is represented as a Schottky diode. If it is the "dual" version, the pinout typically looks like this: ```text Anode 1 (Pin 1) ---|>|--- Common Cathode (Pin 3) Anode 2 (Pin 2) ---|>|--- ```
    ✨ Follow-up Questions
    • ⤷ What are the exact pinout configurations for the SSMini3 package used in this diode?
    • ⤷ How does the forward voltage drop of the MA78TBD-R compare to a standard 1N4148 diode?
    • ⤷ Can this diode be used in high-power rectification applications?