データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA78TCD-R

  • AI
    Based on your query, it appears you are referring to the **MA78TCD-R**, which is likely a specific revision or model of the **MSI MA785GT-E63** or a related motherboard series utilizing the **AMD 785G chipset**. In the context of electronic components, this board integrates several key subsystems. Below is a breakdown of the electronic parts and architecture typically found on this hardware. --- ### 1. Core Chipset Architecture The performance of the board is defined by two primary integrated circuits (ICs): | Component | Part Name / Type | Function | | :--- | :--- | :--- | | **Northbridge** | AMD 785G (RS880) | Manages high-speed communication between the CPU, RAM, and the integrated Radeon HD 4200 GPU. | | **Southbridge** | AMD SB710 | Handles I/O functions, including SATA ports, USB 2.0, and PCI slots. | | **Super I/O** | Fintek F71889 | Monitors hardware voltages, fan speeds, and manages legacy ports (PS/2). | --- ### 2. Power Management (VRM) The **Voltage Regulator Module (VRM)** is the most critical electronic sub-section, converting high-voltage power from the PSU to low-voltage power for the CPU. * **Capacitors:** Usually features "Solid Capacitors" (Aluminum Electrolytic with solid polymer). These are rated for higher temperatures and longer lifespans compared to standard liquid caps. * **MOSFETs:** Metal-Oxide-Semiconductor Field-Effect Transistors act as switches to regulate current. * **Chokes/Inductors:** Ferrite core chokes reduce electromagnetic interference and provide stable current. --- ### 3. Key Electronic Subsystems #### Integrated Graphics (iGPU) The 785G chipset contains an integrated **Radeon HD 4200**. * **Electronic feature:** Some versions of this board include "SidePort Memory," a dedicated DDR3 memory chip soldered directly to the motherboard to increase graphics performance without taxing the system RAM. #### Connectivity ICs * **Networking:** Realtek RTL8111DL (Gigabit Ethernet Controller). * **Audio:** Realtek ALC888S / ALC889 (High Definition Audio Codec) which handles analog-to-digital conversion for sound. --- ### 4. Technical Specifications Summary | Feature | Specification | | :--- | :--- | | **Socket** | AM3 (Supports Phenom II / Athlon II) | | **Memory Slots** | 4 x DDR3 DIMM (Dual Channel) | | **Storage** | 5-6 x SATA 3Gb/s (SB710 controlled) | | **BIOS** | SPI Flash Memory (typically 8Mb or 16Mb) | --- ### Troubleshooting Common Electronic Failures If you are repairing an **MA78TCD-R**, look for these common points of failure: 1. **CMOS Battery (CR2032):** If the board loses time or BIOS settings, this 3V lithium cell needs replacement. 2. **Voltage Regulators:** If the board fails to POST, check for burnt MOSFETs near the CPU socket. 3. **Dust Accumulation:** Given the age of 785G boards, dust in the PCIe or RAM slots often causes "No Display" errors.
    ✨ Follow-up Questions
    • ⤷ What are the specific symptoms of a failing Northbridge on this chipset?
    • ⤷ Can this board support AM3+ processors with a BIOS update?
    • ⤷ Which MOSFETs are used in the power phase design for this model?