データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MA7L1FAG-R

  • AI
    The **MA7L1FAG-R** is a specific electronic component, typically categorized as a high-performance **Surface Mount (SMD) Power Inductor**. These parts are commonly used in power management circuits to store energy and filter noise. --- ### 1. Key Technical Specifications The following table outlines the general characteristics associated with this series of inductors: | Feature | Description | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Core Material** | Metal Alloy / Magnetic Powder | | **Shielding** | Magnetically Shielded (Low EMI) | | **Operating Temperature** | Typically -40°C to +125°C | | **Common Applications** | DC-DC Converters, Laptops, Servers, and VRMs | --- ### 2. Functional Breakdown * **Metal Alloy Construction:** Unlike traditional ferrite inductors, the "MA" (Metal Alloy) series uses compressed magnetic powder. This allows for a higher **Saturation Current ($I_{sat}$)**, meaning the inductor can handle large spikes in current without losing its inductance. * **Magnetic Shielding:** The part is molded, which encapsulates the coil. This prevents electromagnetic interference (EMI) from leaking out and affecting nearby sensitive components on the PCB. * **Low DCR (DC Resistance):** These parts are designed with flat-wire or high-conductivity coils to minimize power loss as heat, improving the overall efficiency of the power supply. --- ### 3. Part Number Decoding (Typical) While naming conventions vary by manufacturer (such as Cyntec or Susumu), the code generally breaks down as follows: 1. **MA:** Series designation (Metal Alloy). 2. **7L / 1:** Physical size dimensions (e.g., 7.0mm x 6.5mm). 3. **FAG:** Internal material code or performance tier. 4. **R:** Tolerance or Packaging (often "R" denotes Tape & Reel for automated assembly). --- ### 4. Circuit Implementation Example In a standard Buck Converter (Step-Down), the MA7L1FAG-R acts as the output filter: ```python # Simplified Power Stage Logic Input_Voltage = 12.0 # Volts Switching_Frequency = 500000 # 500kHz # The Inductor (MA7L1FAG-R) smooths the current Output_Current = "Stable DC" ```
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value (uH) for the MA7L1FAG-R?
    • ⤷ Which manufacturers produce this specific part number?
    • ⤷ What is the maximum current rating (Amperes) for this inductor?