MAH11TAA-R
AI

The **MAH11TAA-R** is a specific electronic component belonging to the **Magnetic Sensor** family, more specifically a **Hall Effect IC**. It is primarily used for non-contact sensing of magnetic fields to determine position, speed, or movement.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the MAH11TAA-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Hall Effect Switch / Sensor |
| **Output Type** | Digital (Open Drain / Push-Pull depending on configuration) |
| **Operating Voltage (Vcc)** | 1.65V to 5.5V (Typical) |
| **Sensitivity** | High sensitivity (Omnipolar or Unipolar) |
| **Package Type** | SOT-23 or similar small-form factor SMD |
| **Current Consumption** | Ultra-low (Micro-ampere range) |
| **Operating Temperature** | -40°C to +85°C / +125°C |
---
### 2. Functional Components
The internal architecture of the MAH11TAA-R typically includes four major stages:
1. **Hall Element:** The transducer that generates a small voltage proportional to the magnetic flux density.
2. **Chopper Stabilization:** A circuit that cancels out offset voltages and noise caused by temperature fluctuations or mechanical stress.
3. **Comparator:** Compares the Hall voltage against a predefined threshold (magnetic operate point).
4. **Output Stage:** Provides the final signal. If a magnet is near, the output pulls "Low" or "High" depending on the logic design.
---
### 3. Common Applications
Due to its small size and low power consumption, the MAH11TAA-R is commonly found in:
* **Laptops/Tablets:** Sensing when the lid is closed (Sleep/Wake function).
* **Smartphones:** Detecting flip-cover cases.
* **Smart Meters:** Tamper detection (detecting external magnetic interference).
* **Industrial:** Non-contact limit switches or proximity detection in automation.
---
### 4. Mounting and Handling
* **Soldering:** Being an SMD (Surface Mount Device), it requires reflow soldering.
* **Orientation:** The sensitivity is directional; the magnetic field lines must pass through the face of the package perpendicularly for optimal performance.
* **ESD Sensitivity:** Like most semiconductor parts, it is sensitive to Electrostatic Discharge and should be handled in an ESD-safe environment.
- ⤷
What is the difference between Unipolar and Omnipolar magnetic sensing in this IC?
- ⤷ Can you provide the pinout diagram details for the MAH11TAA-R?
- ⤷ What are the specific power consumption figures in sleep mode?