データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH12FAD-R

  • AI
    The **MAH12FAD-R** is a high-performance, compact **Brushless DC (BLDC) Cooling Fan** commonly used in electronic enclosures, servers, and industrial equipment. It is manufactured by companies like ADDA and is designed for efficient thermal management. --- ### 1. Technical Specifications The following table summarizes the primary electronic and physical characteristics: | Feature | Specification | | :--- | :--- | | **Operating Voltage** | 12V DC | | **Current Consumption** | Approx. 0.25A - 0.50A (Varies by revision) | | **Bearing Type** | Hypro Bearing / Ball Bearing (Model dependent) | | **Dimensions** | 120mm x 120mm x 38mm | | **Speed Control** | Fixed or PWM (depending on wire count) | | **Material** | PBT Plastic (Frame/Impeller) UL94V-0 | --- ### 2. Key Electronic Components Inside the MAH12FAD-R, the "electronic parts" comprise a sophisticated control system rather than just a simple motor: #### A. The Brushless Motor Controller Unlike brushed fans, this unit uses an **Integrated Circuit (IC)** to switch the electromagnetic poles. This eliminates mechanical friction from brushes, increasing the lifespan of the device. #### B. Hall Effect Sensor A small internal sensor detects the position of the permanent magnets on the fan blades. This information is sent to the controller to ensure the timing of the electronic commutation is precise. #### C. Protection Circuitry * **Locked Rotor Protection:** If the fan is obstructed, the electronics will automatically cut power or attempt to restart to prevent the coils from overheating and burning out. * **Polarity Protection:** Usually includes a diode to prevent damage if the positive and negative wires are connected backwards. --- ### 3. Wiring Configuration The "-R" suffix often indicates a specific output signal. Depending on the version, the wiring usually follows this logic: 1. **Red (+):** 12V DC Power. 2. **Black (-):** Ground. 3. **Yellow/White (Signal):** Often a **Tachometer (FG)** signal which sends a pulse to the motherboard to monitor RPM, or an **RD (Rotation Detector)** signal that triggers an alarm if the fan stops. --- ### 4. Application Use-Cases * **Server Racks:** High airflow (due to the 38mm thickness) for dense computing. * **Industrial Power Supplies:** Cooling high-wattage AC/DC converters. * **Workstations:** Providing intake or exhaust for high-end GPUs and CPUs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the FG signal and the RD signal in these fans?
    • ⤷ How does the 38mm thickness compare to standard 25mm fans in terms of airflow?
    • ⤷ What are the advantages of Hypro bearings over standard ball bearings?