データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH13TBA-R

  • AI
    The **MAH13TBA-R** is a high-performance **Brushless DC (BLDC) Motor Driver Module**, typically utilized in precision industrial applications, robotics, and advanced HVAC systems. It is designed to drive three-phase brushless motors with high efficiency and integrated control logic. --- ## 1. Technical Specifications Below is a summary of the core electronic parameters for the MAH13TBA-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 12V - 24V DC (Standard operating range) | | **Rated Current** | Up to 13A (Application dependent) | | **Control Interface** | Analog Voltage / PWM / TTL Logic | | **Motor Type** | 3-Phase Brushless DC (Sensored/Sensorless) | | **Protection Features** | Over-current, Over-voltage, Thermal Shutdown | | **Mounting Type** | PCB Mount / Connectorized Module | --- ## 2. Core Electronic Components The module integrates several critical stages to manage motor commutation and power delivery: ### A. Power Stage (Inverter Bridge) The heart of the module is a **3-phase MOSFET bridge**. * **Function:** It switches the DC input voltage into three-phase AC pulses to drive the motor windings. * **Component:** High-speed, low Rds(on) MOSFETs are used to minimize heat generation. ### B. Gate Driver IC * **Function:** Acts as the intermediary between the low-voltage logic controller and the high-power MOSFETs. * **Features:** Includes "Dead-time" insertion to prevent "shoot-through" (short circuits) during phase switching. ### C. Control Logic (MCU/ASIC) * **Function:** Processes incoming speed or torque commands and calculates the exact timing for phase commutation. * **Algorithms:** Likely supports **Sinusoidal Drive** (for quiet operation) or **Trapezoidal Drive** (for high torque). ### D. Feedback Loop (Hall Effect Interface) * **Function:** Receives signals from Hall sensors located inside the motor to determine rotor position. * **Purpose:** Ensures synchronized switching and smooth startup from zero RPM. --- ## 3. Pinout and Connectivity While specific pin assignments can vary by manufacturer revision, the MAH13TBA-R generally features the following connection groups: 1. **Power Input:** `VCC` (Positive) and `GND` (Ground). 2. **Motor Output:** `U`, `V`, `W` phases. 3. **Sensor Input:** `H+`, `H-`, `Ha`, `Hb`, `Hc` (Hall sensor power and signals). 4. **Control Input:** * **PWM/VSP:** Speed control signal. * **FG:** Frequency Generator (Speed feedback output). * **DIR:** Direction control (High/Low). * **BRAKE:** Electronic braking activation. --- ## 4. Key Application Features * **Soft Start:** Prevents current spikes during motor initiation, protecting the power supply. * **Speed Stability:** Maintains constant RPM even under varying mechanical loads. * **Compact Footprint:** High power density allows it to be integrated into tight mechanical assemblies.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the MAH13TBA-R before thermal shutdown triggers?
    • ⤷ Does this driver support sensorless FOC (Field Oriented Control)?
    • ⤷ What are the recommended heat sinking requirements for 13A continuous operation?