データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH16FBA-R

  • AI
    The **MAH16FBA-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These components are essential in power management circuits for filtering and energy storage. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical characteristics. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Power Inductor | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Inductance** | Usually defined by the "16" code (e.g., 1.6µH or 16µH depending on manufacturer series) | | **Shielding** | Magnetically Shielded (prevents EMI) | | **Termination** | RoHS Compliant Lead-free (indicated by "-R") | | **Core Material** | Metal Alloy or Ferrite (depending on specific series) | --- ### 2. Core Electronic Functions The MAH16FBA-R serves three primary roles within a circuit: 1. **Energy Storage:** In DC-DC converters (Buck or Boost), it stores energy in a magnetic field during the "on" cycle and releases it during the "off" cycle. 2. **Noise Suppression:** It acts as a low-pass filter, blocking high-frequency AC noise while allowing DC current to pass through. 3. **Current Smoothing:** It prevents sudden changes in current, ensuring a stable power supply for sensitive ICs (Integrated Circuits). --- ### 3. Physical Construction * **Encapsulation:** The component is typically housed in a molded resin or metal composite body to handle high-temperature environments. * **Shielding:** The "FBA" series often features magnetic shielding, which is critical for high-density PCB layouts where components are placed close together. This prevents the inductor's magnetic field from interfering with neighboring traces. * **Terminals:** The bottom-side electrodes are designed for reflow soldering, ensuring a low-resistance connection to the PCB. --- ### 4. Common Applications Due to its compact size and high current-handling capabilities, this part is commonly found in: * **Mobile Devices:** Smartphones and tablets. * **Computing:** VRM (Voltage Regulator Module) circuits in laptops. * **IoT Devices:** Battery-powered sensors requiring efficient power conversion. * **Automotive Electronics:** Infotainment systems or ADAS sensors.
    ✨ Follow-up Questions
    • ⤷What is the current rating for the MAH16FBA-R?
    • ⤷ Is the MAH16FBA-R AEC-Q200 qualified for automotive use?
    • ⤷ What are the physical dimensions of the MAH16 package?