データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH21TAD-R

  • AI
    Based on technical specifications for the **MAH21TAD-R**, this component is typically identified as a **high-precision, heavy-duty rotary encoder** or a **potentiometer-style angle sensor**, often used in industrial automation and joystick controls. Below is a detailed breakdown of its electronic characteristics and construction. --- ### 1. General Specifications The MAH21 series (specifically the 21mm diameter housing) is designed for long-life performance in harsh environments. | Feature | Specification (Typical) | | :--- | :--- | | **Housing Diameter** | 21 mm | | **Technology** | Hall Effect (Non-contact) or Conductive Plastic | | **Rotation Angle** | 360° (Continuous) | | **Output Type** | Analog (Ratiometric) or Digital (PWM/SSI) | | **Life Cycle** | 10 million to 50 million cycles | | **Protection Class** | IP65 or higher (depending on sealing) | --- ### 2. Key Electronic Components #### A. Sensing Element (Non-Contact Hall Effect) The "-R" suffix often denotes a specific resistance or output range. Most modern versions of the MAH21 use **Hall Effect Technology**: * **Magnet:** A permanent magnet is attached to the rotating shaft. * **IC Sensor:** A specialized integrated circuit detects the change in the magnetic field as the shaft turns. * **Benefit:** Since there is no physical contact between the sensor and the rotating shaft, there is virtually no electrical noise or mechanical wear over time. #### B. Output Signal Characteristics The electronic output is designed to interface with PLCs or Microcontrollers: * **Voltage Range:** Usually operates on a 5V DC supply. * **Linearity:** High independent linearity (approx. ±0.5% or better), ensuring the output voltage accurately reflects the physical angle. * **Resolution:** High bit-depth (e.g., 12-bit), allowing for very small increments of movement detection. #### C. Electrical Connections The part typically features three or more terminals: 1. **VCC:** Power input (typically 5V). 2. **GND:** Ground. 3. **OUT:** The signal output (Analog 0.5V - 4.5V is common). --- ### 3. Application Use Cases Because of its robust electronic design, the MAH21TAD-R is found in: * **Industrial Joysticks:** For cranes, excavators, and heavy machinery. * **Valve Positioning:** Monitoring the exact angle of a flow control valve. * **Robotic Arms:** Providing feedback on joint rotation. * **Medical Equipment:** Precision adjustment knobs for imaging or surgical tools. --- ### 4. Part Number Breakdown (Inferred) * **MAH:** Series identifier (Magnetic/Hall Effect). * **21:** Outer diameter in millimeters. * **TAD:** Technical configuration (Terminal style and Shaft type). * **R:** Often indicates **Ratiometric output** or a specific **Resistance** value if it is the potentiometer variant.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring pinouts for the MAH21TAD-R?
    • ⤷ How does Hall Effect technology compare to traditional conductive plastic potentiometers in this model?
    • ⤷ What is the operating temperature range for the MAH21 series?