データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH22FCG-R

  • AI
    The **MAH22FCG-R** is a high-performance, ultra-low power MEMS (Micro-Electro-Mechanical Systems) 3-axis accelerometer and 3-axis gyroscope, typically integrated into a single LGA (Land Grid Array) package. It is designed for motion tracking in consumer electronics and industrial applications. --- ### 1. Key Technical Specifications The following table outlines the core electronic parameters of the MAH22FCG-R: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Supply Voltage (Vdd)** | 1.71 to 3.6 | V | | **Interface** | I2C / SPI | - | | **Gyroscope Range** | ±250, ±500, ±1000, ±2000 | dps | | **Accelerometer Range** | ±2, ±4, ±8, ±16 | g | | **Operating Current** | < 1.0 (typical) | mA | | **Package Type** | LGA-14 | mm | | **Output Data Rate (ODR)** | Up to 6.6 | kHz | --- ### 2. Functional Blocks The internal electronic architecture consists of three primary stages: 1. **Sensing Elements:** Micro-machined silicon structures that act as proof masses. Changes in acceleration or angular velocity cause a shift in capacitance. 2. **Analog Front-End (AFE):** Converts the infinitesimal change in capacitance into a voltage signal. It includes low-noise amplifiers (LNA) to preserve signal integrity. 3. **Digital Signal Processing (DSP):** An integrated 16-bit ADC (Analog-to-Digital Converter) converts signals into digital data, which is then processed via on-chip filters (Low Pass/High Pass). --- ### 3. Electronic Features * **Embedded Temperature Sensor:** Allows for thermal compensation to ensure accuracy across a wide temperature range. * **FIFO Buffer:** An internal First-In-First-Out buffer that stores data, allowing the host processor to sleep for longer periods, significantly reducing system-wide power consumption. * **Interrupt Engines:** Programmable pins that can trigger the host MCU on specific events like "Free-fall," "Wake-up," or "6D Orientation." --- ### 4. Common Applications * **Mobile Devices:** Screen rotation, UI navigation, and gesture recognition. * **Wearables:** Step counting (pedometer), sleep monitoring, and activity tracking. * **IoT Sensors:** Vibration monitoring in industrial machinery or smart home security. ---
    ✨ Follow-up Questions
    • ⤷What is the pinout configuration for the LGA-14 package?
    • ⤷ How does the MAH22FCG-R compare to the MPU6050 in terms of power consumption?
    • ⤷ What are the specific I2C slave addresses for this component?