データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH22TCG-R

  • AI
    The **MAH22TCG-R** is a high-performance, ultra-compact MEMS (Micro-Electro-Mechanical Systems) magnetic sensor, often classified as an anisotropic magnetoresistive (AMR) switch or angle sensor. These components are primarily used in precision proximity sensing and position detection. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the MAH22TCG-R: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Supply Voltage (Vcc)** | 1.65 to 5.5 | Volts | | **Current Consumption** | ~1.5 (Ultra-low power) | µA | | **Magnetic Sensitivity** | High (Typically < 2.0mT) | mT | | **Operating Temperature** | -40 to +125 | °C | | **Package Type** | SOT-23 or similar (Surface Mount) | - | | **Output Type** | Push-Pull or Open Drain | - | --- ### 2. Core Electronic Components & Architecture Internally, the MAH22TCG-R consists of several integrated stages that process magnetic fields into digital signals: 1. **AMR Bridge (The Sensor):** The heart of the part. It uses a thin-film permalloy that changes its electrical resistance in the presence of an external magnetic field. 2. **Chopper-Stabilized Amplifier:** Since the raw signal from the AMR bridge is very small, this internal amplifier boosts the signal while canceling out DC offsets and noise caused by temperature fluctuations. 3. **Comparator with Hysteresis:** This circuit determines the "Switch On" (Bop) and "Switch Off" (Brp) points. The hysteresis prevents the output from "chattering" when the magnet is at the edge of the sensing range. 4. **Internal Oscillator:** Manages the duty cycle to ensure the chip stays in a "sleep" mode most of the time to save power, waking up periodically to sample the field. --- ### 3. Application Use Cases Because of its small footprint and high sensitivity, it is commonly found in the following electronic assemblies: * **Laptops/Tablets:** Sensing when the lid is closed (Hall Effect/AMR switch replacement). * **Smart Meters:** Detecting magnetic tampering in water or gas meters. * **IoT Devices:** Battery-powered door/window sensors where power consumption must be minimal. * **Industrial Automation:** Non-contact limit switches for pneumatic cylinders. --- ### 4. Implementation Circuit (Basic) To integrate this part, a standard decoupling capacitor is required to stabilize the power supply. ```cpp // Logic Representation VCC (Pin 1) ---- [ 0.1uF Cap ] ---- GND (Pin 2) OUT (Pin 3) ----> Microcontroller GPIO (Internal Pull-up) // Behavior: // If Magnet Present -> OUT = LOW (0V) // If Magnet Absent -> OUT = HIGH (VCC) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between AMR sensors like the MAH22TCG-R and standard Hall Effect sensors?
    • ⤷ Can this sensor detect the polarity (North/South) of a magnet or is it omnipolar?
    • ⤷ What are the specific mounting requirements for optimal magnetic sensitivity?