データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH23FAD-R

  • AI
    The **MAH23FAD-R** is a high-performance, compact **Brushless DC (BLDC) motor** integrated with a high-resolution **magnetic absolute encoder**. It is part of the MAH series, designed for precision motion control in robotics, medical devices, and factory automation. --- ## 1. Core Component Breakdown The device consists of three primary electronic and mechanical subsystems integrated into a single housing: | Component | Description | Function | | :--- | :--- | :--- | | **BLDC Motor** | 3-phase brushless motor with high-energy permanent magnets. | Provides the mechanical torque and rotation. | | **Absolute Encoder** | Magnetic sensing technology (typically 12-bit to 17-bit resolution). | Tracks precise angular position even after power loss. | | **Integrated PCBA** | Internal circuit board for sensor signal processing. | Interfaces the raw magnetic data to a communication protocol. | --- ## 2. Technical Specifications Below are the typical electronic characteristics for the MAH23 series (specific values may vary slightly based on the winding configuration): ### Electrical Parameters * **Operating Voltage:** Typically 24V DC (nominal). * **Rated Power:** Approx. 30W - 60W depending on frame length. * **No-load Speed:** Up to 3,000 - 5,000 RPM. * **Phase Resistance/Inductance:** Optimized for low heat generation and high efficiency. ### Encoder Electronics * **Output Type:** Absolute (does not require a homing sequence). * **Communication Interface:** Commonly utilizes **SSI (Synchronous Serial Interface)** or **BiSS-C**. * **Resolution:** High precision, often providing 16,384 pulses per revolution (PPR) or higher. --- ## 3. Key Electronic Features ### A. Magnetic Sensing Technology Unlike optical encoders that use glass disks, the MAH23FAD-R uses a magnetic hall-effect array. This makes the electronic feedback system immune to dust, oil, and vibration, which is critical for industrial reliability. ### B. Thermal Management The motor includes internal thermal protection. The electronic design ensures that heat generated by the coils is dissipated through the aluminum housing to prevent damage to the integrated encoder circuitry. ### C. Low EMI Design The "R" suffix often denotes specific compliance or wiring configurations designed to reduce **Electromagnetic Interference (EMI)**, ensuring that the high-frequency switching of the motor driver does not corrupt the sensitive position data sent by the encoder. --- ## 4. Pinout and Connection Logic The device usually features a multi-pin connector or lead wires divided into two groups: 1. **Motor Power:** 3 Wires (Phase U, V, W). 2. **Encoder Logic:** 5-8 Wires (VCC, GND, Data+, Data-, Clock+, Clock-). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the SSI interface on this motor?
    • ⤷ How does the 'Absolute' encoder feature differ from an 'Incremental' encoder in this model?
    • ⤷ What are the recommended motor drivers for the MAH23FAD-R?