データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH23FBX-R

  • AI
    The **MAH23FBX-R** is a specific model number typically associated with **AC Axial Fans**, often manufactured by companies like Fulltech or similar industrial cooling suppliers. These fans are designed for high-performance thermal management in industrial equipment, server racks, and power supplies. --- ## Technical Specifications The "MAH23FBX-R" designation encodes specific physical and electrical characteristics. Below is a breakdown of its primary electronic and mechanical parts: | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 230V AC (50/60 Hz) | | **Dimensions** | 120mm x 120mm x 38mm (Standard Square) | | **Bearing Type** | Dual Ball Bearing (indicated by 'B') | | **Housing Material** | Die-cast Aluminum | | **Impeller Material** | Thermoplastic (PBT) / UL 94V-0 | | **Termination** | Lead Wires or Terminals (depending on variant) | | **Speed Control** | Fixed Speed (Frequency dependent) | --- ## Key Electronic Components ### 1. The Motor Structure (Shaded Pole or PSC) The core of the MAH23FBX-R is an **induction motor**. * **Stator:** Comprised of silicon steel laminations wound with copper wire. Since it operates on AC, it generates a rotating magnetic field. * **Rotor:** A permanent magnet or induction rotor attached to the fan blades. ### 2. Dual Ball Bearing System The "B" in the model name usually signifies **Ball Bearings**. * **Advantage:** These allow the fan to be mounted in any orientation (horizontal, vertical, or angled) without affecting the lifespan. * **Durability:** Rated for much higher MTBF (Mean Time Between Failures) than cheaper sleeve bearing fans, typically exceeding 50,000 hours at 40°C. ### 3. Thermal Protection Most fans in this class include **Impedance Protection**: * The motor is designed so that if the rotor is locked (e.g., something gets stuck in the blades), the internal resistance of the coils prevents the temperature from rising high enough to cause a fire. ### 4. EMI Filtering & Insulation * **Class B/F Insulation:** The internal wiring is coated to withstand high temperatures. * **Dielectric Strength:** Usually tested at 1500V AC for 1 minute to ensure the aluminum frame does not become "live" due to electrical leakage. --- ## Application and Usage This part is commonly found in: * **Control Cabinets:** Removing heat from PLCs and VFDs. * **Network Racks:** Cooling switches and UPS systems. * **Industrial Ovens:** Circulating air in high-temperature environments.
    ✨ Follow-up Questions
    • ⤷ What is the airflow rating (CFM) for this specific fan model?
    • ⤷ How do I wire this fan for a 230V industrial power supply?
    • ⤷ Are there waterproof (IP68) versions of the MAH23FBX series?