データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH23FCA-R

  • AI
    The **MAH23FCA-R** is a high-performance, ultra-compact brushless DC (BLDC) motor integrated with a driver, typically manufactured by companies like **Nidec (Nippon Pulse Motor)**. It belongs to the "Micro-Step Integrated" or high-precision motor series used in medical and optical equipment. --- ### 1. Technical Specifications The following table summarizes the key electronic and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) / Stepper Hybrid | | **Rated Voltage** | 24V DC | | **Current Consumption** | ~0.5A to 1.2A (depending on load) | | **Integrated Driver** | Yes (Built-in PCB) | | **Speed Control** | PWM (Pulse Width Modulation) or Analog Voltage | | **Rotation** | Bi-directional (CW/CCW) | | **Feedback Mechanism** | Internal Hall Effect Sensors | --- ### 2. Core Electronic Components The "R" suffix often indicates a specific revision or a RoHS-compliant version. The assembly consists of several critical electronic layers: * **Internal Controller (MCU/ASIC):** The unit contains a dedicated microcontroller that translates external speed/direction signals into commutation sequences for the motor phases. * **Power MOSFET Bridge:** A miniature H-bridge circuit is integrated into the back of the motor. This eliminates the need for an external motor driver board. * **Hall Effect Sensors:** These sensors detect the position of the rotor’s permanent magnets, providing the feedback necessary for smooth commutation and speed stability. * **Protection Circuitry:** Includes Over-Current Protection (OCP) and Thermal Shutdown to prevent the coils from burning out during a stall. --- ### 3. Pinout and Interface Most MAH series motors use a multi-pin JST or Molex connector. While exact pinouts can vary by revision, the standard interface includes: 1. **VCC (+24V):** Main power supply. 2. **GND:** Common ground. 3. **Speed Control (PWM/V):** Input signal to define RPM. 4. **Direction (DIR):** High/Low logic signal for clockwise or counter-clockwise rotation. 5. **FG (Frequency Generator):** A pulse output used by external systems to monitor the actual speed of the motor. --- ### 4. Typical Applications Due to its small form factor and integrated electronics, the MAH23FCA-R is commonly found in: * **Medical Devices:** Precision pumps and diagnostic fluid handling. * **Office Automation:** High-end scanners and laser printing units. * **Robotics:** Small joint actuators and gimbal systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact wiring pinout for the MAH23FCA-R connector?
    • ⤷ Can this motor be controlled using an Arduino or Raspberry Pi?
    • ⤷ What is the maximum torque rating for this specific model?