データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH23FCD-R

  • AI
    The **MAH23FCD-R** is a high-performance, brushless DC (BLDC) motor typically used in precision applications like medical devices, robotics, and high-end industrial automation. It belongs to the "MAH" series, known for integrating the motor with sophisticated electronic control circuitry. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic and physical characteristics: | Parameter | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Input Voltage** | Typically 12V - 24V DC | | **Rated Speed** | Up to 15,000+ RPM (Model dependent) | | **Feedback System** | Integrated Hall Effect Sensors | | **Control Interface** | PWM (Pulse Width Modulation) or Analog | | **Direction Control** | Supported (CW/CCW) | | **Protection** | Over-current and Locked-rotor protection | --- ### 2. Core Electronic Components The "R" suffix often denotes specific revisions or integrated driver features. The internal electronics consist of three main stages: #### A. Power Stage (Inverter) * **MOSFET Bridge:** Uses a 3-phase bridge of N-Channel MOSFETs to switch power to the motor windings. * **Driver IC:** A dedicated gate driver ensures rapid switching of the MOSFETs to minimize heat and maximize efficiency. #### B. Feedback & Sensing * **Hall Effect Sensors:** Three sensors are placed at 120° intervals to detect the position of the rotor's permanent magnets. This data is essential for "commutation" (knowing which coil to energize next). * **Current Shunt:** A low-resistance resistor used to monitor the current draw, allowing the electronics to shut down if the motor stalls (Locked-rotor protection). #### C. Control Logic (The "Brain") * **Microcontroller/ASIC:** Processes the incoming control signals (PWM) and coordinates the commutation sequence based on Hall sensor input. * **Speed Signal (FG):** Most MAH models output a "Frequency Generator" signal, which is a square wave used by external controllers to monitor the actual RPM. --- ### 3. Wiring and Interface Pins While specific connector pinouts can vary by manufacturer implementation, the MAH series generally follows this electronic interface: 1. **VCC (+):** Main Power Supply. 2. **GND (-):** Common Ground. 3. **PWM/Vsp:** Speed control input (Changing the duty cycle changes the speed). 4. **FG (Frequency Generator):** Speed feedback output (usually 1 or 3 pulses per revolution). 5. **DIR:** Direction control (High for CW, Low for CCW). 6. **BRAKE:** Electronic braking trigger. --- ### 4. Application Advantages * **Low Electronic Noise:** Because there are no brushes to spark, it produces very low Electromagnetic Interference (EMI). * **Thermal Efficiency:** The integrated electronics are designed to throttle power if temperatures exceed safe limits. * **High Power Density:** Large torque output relative to the small electronic footprint.
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the 6-wire connector on the MAH23FCD-R?
    • ⤷ Can this motor be controlled using an Arduino or Raspberry Pi?
    • ⤷ What are the specific torque-to-speed curves for this model?