データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH23FCG-R

  • AI
    The **MAH23FCG-R** is a high-performance, ultra-compact MEMS (Micro-Electro-Mechanical Systems) pressure sensor, typically utilized in mobile devices, wearables, and industrial IoT applications. It is designed to measure absolute barometric pressure with high precision and low power consumption. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the MAH23FCG-R: | Feature | Specification | | :--- | :--- | | **Type** | Absolute Piezoresistive Pressure Sensor | | **Pressure Range** | 300 to 1100 hPa (approx. +9000m to -500m sea level) | | **Interface** | I2C / SPI (Digital) | | **Supply Voltage (Vdd)** | 1.7V to 3.6V | | **Resolution** | Up to 0.01 hPa (approx. 10cm altitude) | | **Package Size** | Compact LGA (Land Grid Array) | | **Current Consumption** | ~3 μA (at 1Hz sampling) | --- ### 2. Functional Components The sensor integrates several electronic sub-systems into a single miniature package: #### A. MEMS Sensing Element The "heart" of the device is a silicon micromachined sensing element. It uses the **piezoresistive effect**, where a diaphragm deflects under pressure, changing the resistance of bridge circuits embedded in the silicon. #### B. ASIC (Application-Specific Integrated Circuit) The ASIC performs several critical functions: 1. **Analog-to-Digital Converter (ADC):** Converts the tiny voltage changes from the MEMS element into a high-resolution digital signal. 2. **Temperature Compensation:** Because pressure readings drift with temperature, the ASIC includes an internal temperature sensor to apply real-time calibration offsets. 3. **Digital Logic:** Manages the I2C/SPI communication protocols and power modes (Deep Sleep, Normal, and Forced modes). --- ### 3. Pin Configuration & Circuitry Typical integration requires minimal external components, usually just decoupling capacitors. ```cpp // Example: Pseudo-code for initializing the sensor via I2C void setup_sensor() { Wire.begin(); sensor.writeRegister(0x01, 0x05); // Set oversampling rate sensor.writeRegister(0x02, 0x01); // Set mode to 'Normal' } float get_altitude(float pressure) { // Standard atmospheric formula return 44330 * (1.0 - pow(pressure / 1013.25, 0.1903)); } ``` --- ### 4. Common Applications * **Smartphones/Wearables:** Used for floor counting (detecting altitude changes in stairs) and GPS enhancement. * **Drones:** Critical for maintaining a stable hover altitude (alt-hold mode). * **Weather Stations:** Monitoring atmospheric pressure trends to predict local weather changes. * **Industrial IoT:** Monitoring vacuum levels or pressure in sealed environments.
    ✨ Follow-up Questions
    • ⤷What is the typical I2C address for the MAH23FCG-R?
    • ⤷ How does temperature compensation affect the accuracy of this sensor?
    • ⤷ What are the recommended values for the Vdd decoupling capacitors?