データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH24FCG-R

  • AI
    The **MAH24FCG-R** is a high-performance, compact magnetic actuator/solenoid component typically used in precision engineering and automotive applications. It belongs to a class of electromagnetic devices designed for high-speed switching and reliability. --- ### 1. Key Technical Specifications Below are the typical parameters for this series of electronic components: | Parameter | Specification (Typical) | |:---|:---| | **Component Type** | Magnetic Actuator / Solenoid | | **Rated Voltage** | 12V - 24V DC | | **Coil Resistance** | Ranges between 10Ω - 60Ω (Model dependent) | | **Connection Type** | Lead wires or terminal pins | | **Operating Temperature** | -40°C to +120°C | | **Housing Material** | Zinc-plated steel or specialized polymer | --- ### 2. Core Electronic Components The MAH24FCG-R functions through the interaction of several internal sub-parts: 1. **Electromagnetic Coil:** The heart of the part. When current flows through the copper windings, it creates a magnetic field. 2. **Plunger (Armature):** A movable iron or steel core that reacts to the magnetic field to perform mechanical work. 3. **Return Spring:** Ensures the plunger returns to its original "home" position once power is cut (De-energized state). 4. **Integrated Diode (Optional/External):** Often used in the driving circuit as a "flyback diode" to prevent voltage spikes when the coil is turned off. --- ### 3. Application and Usage This part is frequently integrated into the following systems: * **Fluid Control:** Actuating valves in pneumatic or hydraulic systems. * **Automotive Systems:** Fuel injection timing, transmission shifting, or door lock mechanisms. * **Industrial Automation:** High-speed sorting arms and locking pins. --- ### 4. Basic Driver Circuit Example To control the MAH24FCG-R using a microcontroller (like an Arduino or ESP32), a MOSFET or Relay is required because the coil draws more current than a logic pin can provide. ```cpp // Basic Arduino Logic for triggering a Solenoid const int solenoidPin = 9; // Connected to Gate of MOSFET void setup() { pinMode(solenoidPin, OUTPUT); } void loop() { digitalWrite(solenoidPin, HIGH); // Actuator ON delay(1000); // Hold for 1 second digitalWrite(solenoidPin, LOW); // Actuator OFF delay(5000); // Wait 5 seconds } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current draw for the MAH24FCG-R?
    • ⤷ Does this model require a specific flyback diode for circuit protection?
    • ⤷ What are the physical dimensions and mounting requirements?