データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH25FCD-R

  • AI
    The **MAH25FCD-R** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering, energy storage, and noise suppression. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The part number follows a standard naming convention used by manufacturers like **Microgate** or similar inductor specialists. | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | SMD Shielded Power Inductor | | **Inductance** | 2.5 µH (implied by '25') | | **Tolerance** | ±20% (Standard for 'M' or 'C' prefixes) | | **Mounting Type** | Surface Mount (SMT) | | **Core Material** | Ferrite or Metal Alloy (High Saturation) | --- ### 2. Key Electronic Characteristics #### A. Energy Storage The primary function of this part is to store energy in its magnetic field. In DC-DC converters, it works alongside a capacitor to smooth out voltage ripples. #### B. Shielding (Magnetic) The "FCD" or "CD" designation often refers to a **shielded construction**. This means the inductor is encased in a ferrite material to: * Minimize electromagnetic interference (EMI). * Prevent the magnetic field from affecting neighboring components on the PCB. #### C. Saturation Current ($I_{sat}$) This part is designed to handle high current before the inductance drops significantly. For a "25" series (approx 2.5x2.0mm or 2.5µH), the saturation current is typically optimized for mobile devices or small power modules. --- ### 3. Common Applications Due to its small footprint and power handling, the MAH25FCD-R is commonly found in: 1. **Smartphones & Tablets:** For core voltage regulation ($V_{core}$). 2. **DC-DC Converters:** Buck, Boost, or Buck-Boost topologies. 3. **Wearables:** Where space is limited but high efficiency is required. 4. **HDD/SSD Controllers:** For stable power delivery to high-speed processors. --- ### 4. Comparison Table: Shielded vs. Unshielded | Feature | MAH25FCD-R (Shielded) | Standard Unshielded | | :--- | :--- | :--- | | **EMI Leakage** | Very Low | High | | **Height** | Slightly Higher | Compact | | **Cost** | Premium | Economical | | **Efficiency** | High (Less loss) | Moderate | --- ### 5. Footprint and Soldering The "25" in the prefix usually denotes the physical size, often **2.5mm x 2.0mm**. It features high-temperature resistance to withstand **Lead-Free Reflow Soldering** processes (up to 260°C).
    ✨ Follow-up Questions
    • ⤷ What is the exact saturation current rating for the MAH25FCD-R?
    • ⤷ Can this inductor be used in high-frequency switching regulators above 2MHz?
    • ⤷ What are the recommended PCB land pattern dimensions for this part?