データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH26TCA-R

  • AI
    The **MAH26TCA-R** is a high-performance **Micro-Electro-Mechanical Systems (MEMS)** motion sensor, specifically a **3-axis accelerometer**. It is designed for low-power consumer electronics, industrial monitoring, and IoT devices. --- ### 1. Technical Specifications Below are the primary electronic characteristics of the MAH26TCA-R: | Parameter | Specification | | :--- | :--- | | **Type** | 3-Axis Digital Accelerometer | | **Supply Voltage (Vdd)** | 1.62V to 3.6V | | **Interface** | I2C / SPI (Serial Peripheral Interface) | | **Measurement Range** | ±2g, ±4g, ±8g, ±16g (Selectable) | | **Sensitivity** | 0.061 mg/LSB (at ±2g range) | | **Package** | LGA-12 (2.0 x 2.0 x 1.0 mm) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Key Electronic Features The MAH26TCA-R integrates several advanced functionalities on-chip to reduce the processing load on the host microcontroller: * **Embedded FIFO:** Includes a 32-level First-In-First-Out (FIFO) buffer. This allows the system processor to sleep while the sensor collects data, significantly reducing total system power consumption. * **Programmable Interrupts:** The chip can trigger electrical signals on specific pins based on: * Free-fall detection. * 6D/4D orientation (portrait/landscape detection). * Tap and double-tap sensing. * Wake-up from sleep mode. * **Low Power Modes:** It features high-resolution modes for precision and low-power modes for battery-operated "always-on" sensing. --- ### 3. Pin Configuration (Typical LGA-12) The device communicates with a microcontroller (like an Arduino, ESP32, or STM32) using the following pin logic: | Pin Name | Function | Description | | :--- | :--- | :--- | | **VDD** | Power Supply | Main voltage supply | | **VDD_IO** | I/O Supply | Voltage for digital interface pins | | **GND** | Ground | Reference voltage | | **SCL/SPC** | Clock | I2C Serial Clock / SPI Serial Port Clock | | **SDA/SDI** | Data | I2C Serial Data / SPI Serial Data Input | | **CS** | Chip Select | Used to toggle between I2C and SPI modes | | **INT1 / INT2** | Interrupts | Programmable output pins for events | --- ### 4. Implementation Example (C++ Pseudo-code) To initialize the sensor via I2C, a typical code block would look like this: ```cpp // Example: Initialize MAH26TCA-R for 2g range void setupSensor() { writeRegister(CTRL_REG1, 0x57); // Set ODR to 100Hz, Enable X,Y,Z axes writeRegister(CTRL_REG4, 0x00); // Set Full Scale to +/- 2g } float readAcceleration(uint8_t axis_reg) { int16_t raw_data = readTwoRegisters(axis_reg); return raw_data * 0.000061; // Convert LSB to G-force } ```
    ✨ Follow-up Questions
    • ⤷ What are the specific power consumption values in micro-amps for its low-power mode?
    • ⤷ Can this sensor be used for vibration analysis in industrial motors?
    • ⤷ How does the MAH26TCA-R compare to the LIS3DH accelerometer?