データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH28FAD-R

  • AI
    Based on the technical nomenclature and standard component specifications, the **MAH28FAD-R** is generally categorized as a **High-Frequency Magnetic Component**, specifically a power inductor or a transformer, often utilized in automotive or industrial power conversion systems. --- ### 1. Component Overview The MAH28 series is designed for high-current applications where stability and low electromagnetic interference (EMI) are critical. Below is a breakdown of its primary electronic characteristics: | Property | Typical Specification | | :--- | :--- | | **Component Type** | Shielded Power Inductor / Magnetic Module | | **Mounting Type** | Surface Mount (SMD) | | **Core Material** | Ferrite or Composite Metal Powder | | **Shielding** | Magnetically Shielded (reduces flux leakage) | | **RoHS Compliance** | Yes ("-R" suffix usually denotes RoHS compliant) | --- ### 2. Key Electronic Features #### A. Power Handling * **Low DCR (Direct Current Resistance):** Engineered to minimize energy loss through heat. This allows the component to handle high continuous currents without overheating. * **High Saturation Current ($I_{sat}$):** The magnetic core is designed to maintain inductance even under high peak current conditions, preventing the circuit from "bottoming out." #### B. Electromagnetic Compatibility (EMC) * The "FAD" designation often refers to a specific winding technique or shielding geometry that minimizes noise radiation, making it suitable for sensitive automotive electronics (e.g., infotainment or ADAS systems). #### C. Environmental Durability * **Temperature Range:** Typically rated for **-40°C to +125°C** (or higher), meeting AEC-Q200 standards if intended for automotive use. * **Vibration Resistance:** The SMD footprint is designed to withstand mechanical stress in mobile environments. --- ### 3. Application Circuits These parts are most commonly found in the following electronic configurations: 1. **DC-DC Converters:** Used as a storage element in Buck, Boost, or Buck-Boost topologies. 2. **Input/Output Filters:** Used to smooth out voltage ripples in power supplies. 3. **LED Drivers:** Provides stable current regulation for high-brightness LED arrays. --- ### 4. Identification Example If you are looking at a datasheet, the part number usually breaks down as follows: ```text MAH - 28 - FAD - R | | | | Series Size Code RoHS/Tape & Reel ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific inductance value (uH) for the MAH28FAD-R?
    • ⤷ Is this component AEC-Q200 qualified for automotive use?
    • ⤷ What are the physical dimensions (footprint) of the 28 series package?