データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH28FCD-R

  • AI
    The **MAH28FCD-R** is a high-performance **Brushless DC (BLDC) Motor Driver/Controller** module, typically used in industrial automation, robotics, and precise motion control applications. --- ## 1. Technical Specifications This component is designed to handle high current loads while maintaining precise control over motor speed and torque. | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage** | 24V - 48V DC | | **Current Rating** | ~28A (Continuous) | | **Control Signal** | PWM / Analog (0-5V) | | **Feedback Type** | Hall Effect Sensors | | **Protection** | Over-current, Over-voltage, Thermal | --- ## 2. Core Electronic Components The internal circuitry of the MAH28FCD-R consists of several critical stages: ### A. Power Stage (MOSFET Bridge) * **Structure:** Usually a 3-phase H-Bridge configuration. * **Function:** Utilizes N-Channel MOSFETs to switch the high-current DC supply to the three phases of the BLDC motor (U, V, W). * **Efficiency:** Designed for low $R_{DS(on)}$ to minimize heat dissipation. ### B. Control Microcontroller (MCU) * **Logic:** An embedded processor (often ARM-based) that interprets incoming speed commands and calculates the correct commutation sequence. * **Algorithm:** Implements either **Six-step (Trapezoidal)** commutation or **Field Oriented Control (FOC)** for smoother motion. ### C. Gate Drivers * **Function:** Acts as the interface between the low-voltage MCU and the high-voltage MOSFETs, ensuring rapid switching to reduce switching losses. ### D. Sensing & Feedback * **Hall Sensor Interface:** Reads the position of the motor rotor to time the electrical pulses correctly. * **Shunt Resistors:** Used for current sensing to implement torque control and safety shut-offs. --- ## 3. Wiring and Connectivity The module typically features two distinct sets of terminals: 1. **Power Terminals:** * `V+ / V-`: Main DC power input. * `U, V, W`: Output phases connected directly to the motor windings. 2. **Control Pins:** * `EN (Enable)`: Turns the motor output on/off. * `DIR (Direction)`: Toggles CW or CCW rotation. * `SV (Speed Voltage)`: Analog input for speed control. * `FG (Frequency Generator)`: Speed feedback output for the host controller. --- ## 4. Key Features * **Closed-Loop Speed Control:** Maintains constant RPM even if the load varies. * **Integrated Heat Sink:** The "R" suffix often indicates a ruggedized or heat-dissipating housing suitable for continuous industrial use. * **Soft Start/Stop:** Prevents mechanical shock and electrical surges during acceleration.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the Hall Effect sensors on this driver?
    • ⤷ How does the MAH28FCD-R handle regenerative braking?
    • ⤷ Can this driver be interfaced with an Arduino or PLC via PWM?