データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH4-R

  • AI
    The **MAH4-R** typically refers to a high-current **Mini ISO Automotive Relay**. These components are critical in vehicle electronics for controlling high-power circuits using a low-power signal. ### 1. Technical Specifications The "R" suffix usually denotes the inclusion of a **Resistor** for coil suppression, which protects sensitive vehicle electronics from voltage spikes. | Parameter | Typical Value | | :--- | :--- | | **Coil Voltage** | 12V DC or 24V DC | | **Switching Current** | 30A to 40A | | **Contact Form** | SPDT (1 Form C) or SPST (1 Form A) | | **Suppression Type** | Resistor (Parallel to Coil) | | **Terminal Material** | Silver Alloy (AgSnO2) | --- ### 2. Internal Electronic Components The MAH4-R consists of several key physical and electronic parts: * **The Coil:** An electromagnet that creates a magnetic field when energized. * **The Resistor (The "R" Feature):** * Connected in parallel with the coil. * When the relay is turned off, the magnetic field collapses, creating a "back EMF" (voltage spike). * The resistor dissipates this energy, preventing damage to the transistor or ECU driving the relay. * **Armature & Spring:** Mechanical parts that move the contacts. * **Contacts:** The high-current path. In an "R" model, these are often reinforced to handle inductive loads like motors or fans. --- ### 3. Pin Configuration (Standard ISO) Most MAH4-R relays follow the standard 5-pin layout: | Pin Number | Function | Description | | :--- | :--- | :--- | | **85** | Coil Ground | Connected to the negative trigger. | | **86** | Coil Power | Connected to the positive control signal. | | **30** | Common (COM) | High-current input from the battery/fuse. | | **87** | Normally Open (NO) | Power output when relay is energized. | | **87a** | Normally Closed (NC) | Power output when relay is at rest (if 5-pin). | --- ### 4. Common Applications Due to its high amperage rating and suppression resistor, the MAH4-R is commonly found in: * **Engine Cooling Fans:** High inductive startup current. * **Fuel Pumps:** Requires reliable switching and ECU protection. * **HID/LED Lighting:** Managing high-current draw. * **Aftermarket Horns:** Handling rapid cycling. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between resistor suppression and diode suppression in automotive relays?
    • ⤷ How do I test if an MAH4-R relay is functioning correctly using a multimeter?
    • ⤷ Can a 12V MAH4-R relay be used in a 24V truck system?