データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH61FBA-R

  • AI
    The **MAH61FBA-R** is a specific technical part number, typically associated with high-performance **Brushless DC (BLDC) Motors** manufactured by companies like **Oriental Motor** (specifically within the VEXTA / Alpha Step series). Below is a detailed breakdown of its electronic components, specifications, and functional characteristics. --- ## 1. Technical Specifications This component is designed for high-precision motion control. Here are the core electronic and mechanical parameters: | Parameter | Specification | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Frame Size** | 60mm (NEMA 24 equivalent) | | **Output Power** | Approximately 100W - 200W (Series dependent) | | **Shaft Type** | Round Shaft / Gearhead compatible | | **Feedback System** | Built-in Hall Effect Sensors | | **Termination** | Lead wires or dedicated connector | --- ## 2. Key Electronic Components The "MAH61FBA-R" functions as part of a closed-loop or high-efficiency speed control system. Its internal electronic architecture consists of: ### A. Permanent Magnet Rotor Unlike brushed motors, the "MAH" series uses powerful permanent magnets (often Neodymium) on the rotor. This eliminates the need for brushes, reducing electronic noise (EMI) and mechanical wear. ### B. Stator Windings (3-Phase) The stator contains copper windings arranged in a 3-phase configuration. * **Electronic Commutation:** Rotation is achieved by switching the current in these windings using an external driver (Inverter). * **Insulation Class:** Usually Class B or E to withstand high thermal loads during continuous operation. ### C. Hall Effect Sensors Integrated into the rear of the motor are three Hall effect sensors. * **Function:** They detect the position of the rotor magnets and send digital signals back to the motor driver. * **Purpose:** This allows the driver to know exactly when to switch the phase current for smooth rotation and torque maintenance. --- ## 3. Part Number Nomenclature Breakdown The suffix and prefix provide specific details about the electronic build: * **MAH:** Motor series designation (High torque/Efficiency). * **61:** Refers to the frame size (60mm). * **F:** Indicates the power rating or "Frame" stack length. * **BA:** Voltage/Winding specification (Commonly 100-115VAC or 200-230VAC input drivers). * **-R:** Often signifies a specific revision or a "Right-angle" / "Round" shaft configuration depending on the specific catalog year. --- ## 4. Typical Connection Diagram To operate this part, it must be connected to a compatible BLDC Driver. The wiring usually follows this standard: ```text [ Driver Side ] [ MAH61FBA-R ] U Phase ----------------> Red Wire V Phase ----------------> White Wire W Phase ----------------> Black Wire +5V/GND ----------------> Sensor Power Hall A/B/C --------------> Feedback Signals ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible motor drivers for the MAH61FBA-R?
    • ⤷ How do I troubleshoot a 'Sensor Error' on this specific motor?
    • ⤷ What is the difference between the 'BA' and 'AA' versions of this motor?