データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH62FBA-R

  • AI
    The **MAH62FBA-R** is a specific electronic component, typically categorized as a **High-Voltage Rectifier Diode** or a **Fast Recovery Diode**, often used in specialized industrial power supplies and microwave oven circuitry (commonly associated with brands like Samsung). --- ### 1. Technical Specifications The following table outlines the general electrical characteristics of this series: | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | High Voltage Silicon Diode | Rectifier | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | Maximum voltage the diode can withstand | ~6kV - 12kV (Series dependent) | | **Average Forward Current ($I_{F}$)** | Sustained current capacity | ~350mA - 500mA | | **Forward Voltage Drop ($V_{F}$)** | Voltage loss during conduction | ~10V - 15V | | **Reverse Recovery Time ($t_{rr}$)** | Speed of switching | Fast Recovery | | **Mounting Type** | Through-hole | Axial Lead | --- ### 2. Physical Construction The part is designed to handle high-stress environments. Key physical features include: * **Encapsulation:** Molded plastic case using flame-retardant epoxy. * **Lead Finish:** Tin-plated leads for reliable soldering. * **Polarity:** Indicated by a cathode band (the negative side) marked on the body. --- ### 3. Circuit Application In most electronic assemblies, the MAH62FBA-R serves the following functions: #### A. High Voltage Rectification Its primary role is to convert AC (Alternating Current) from a high-voltage transformer into DC (Direct Current). This is critical for powering components like Magnetrons in microwave systems. #### B. Protection Circuitry Due to its high reverse voltage rating, it prevents back-electromotive force (Back-EMF) or surges from damaging sensitive control boards. --- ### 4. Safety and Testing When dealing with this electronic part, the following should be noted: 1. **Testing with a Multimeter:** Standard multimeters often cannot test these diodes because their forward voltage drop ($V_F$) is higher than the battery voltage of the meter. A specialized high-voltage tester or a 9V battery in series with the meter is often required. 2. **Discharge:** Always ensure high-voltage capacitors in the circuit are discharged before inspecting or replacing this part.
    ✨ Follow-up Questions
    • ⤷ How do I test a high-voltage diode using a standard multimeter?
    • ⤷ What are the common symptoms of a failing MAH62FBA-R in a microwave?
    • ⤷ What are the recommended equivalent replacement parts for this diode?