データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH62FCG-R

  • AI
    The **MAH62FCG-R** is a high-performance, ultra-low power 3-axis accelerometer and 3-axis gyroscope (IMU - Inertial Measurement Unit) produced by **MEMSIC**. It is designed specifically for mobile devices, wearables, and Internet of Things (IoT) applications where power efficiency and small form factor are critical. --- ### 1. Technical Specifications The device integrates MEMS (Micro-Electro-Mechanical Systems) technology with a CMOS signal conditioning circuit. | Feature | Specification | | :--- | :--- | | **Sensing Axes** | 6-Axis (X, Y, Z Accel + X, Y, Z Gyro) | | **Interface** | I2C / SPI (up to 10MHz) | | **Supply Voltage (VDD)** | 1.71V to 3.6V | | **Accelerometer Range** | ±2g, ±4g, ±8g, ±16g | | **Gyroscope Range** | ±125, ±250, ±500, ±1000, ±2000 dps | | **Package Type** | LGA-14 (2.5 x 3.0 x 0.83 mm) | | **Operating Temp** | -40°C to +85°C | --- ### 2. Key Electronic Components & Features The MAH62FCG-R architecture consists of several specialized blocks: * **MEMS Sensing Element:** A microscopic mechanical structure that shifts based on acceleration or angular velocity, changing capacitance values. * **Analog-to-Digital Converter (ADC):** High-precision 16-bit ADCs convert the raw analog capacitance changes into digital data. * **FIFO Buffer:** An integrated FIFO (First-In, First-Out) memory buffer allows the system processor to sleep while the sensor collects data, significantly reducing overall system power consumption. * **Temperature Sensor:** Built-in sensor used for internal thermal compensation to ensure accuracy across different environments. * **Interrupt Engine:** Supports programmable interrupts for: * Free-fall detection. * Step counting (Pedometer). * Significant motion / Tilt detection. * Tap/Double-tap recognition. --- ### 3. Pinout Configuration (LGA-14) The physical layout of the chip typically follows this standard mapping: | Pin # | Name | Description | | :--- | :--- | :--- | | 1 | SDO/SA0 | SPI Serial Data Out / I2C Slave Address LSB | | 2 | SDx | I2C/SPI Data line | | 3 | SCx | I2C/SPI Clock line | | 4 | VDDIO | Digital Interface Supply Voltage | | 5 | VDD | Main Supply Voltage | | 12 | INT1 | Interrupt Pin 1 | | 13 | INT2 | Interrupt Pin 2 | | 14 | GND | Ground | --- ### 4. Typical Applications Due to its low power draw (often in the micro-ampere range for low-power modes), it is commonly found in: * **Smartwatches & Fitness Trackers:** For step counting and gesture control. * **Smartphones:** For screen rotation and gaming UI. * **Augmented Reality (AR):** For head tracking and image stabilization. * **Drones:** For flight stability and orientation.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption levels for the MAH62FCG-R in high-performance versus low-power mode?
    • ⤷ How do I calibrate the offset for the 3-axis gyroscope in this specific model?
    • ⤷ Does this chip support OIS (Optical Image Stabilization) data output?