データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH63TAD-R

  • AI
    The **MAH63TAD-R** is a high-performance **Step-Down (Buck) Converter Module** typically used in industrial and automotive electronics where high efficiency and high voltage input are required. It is often part of a series of DC-DC converters designed for reliability in harsh environments. --- ### 1. Key Technical Specifications The following table outlines the primary electrical characteristics of the MAH63TAD-R: | Parameter | Typical Value | | :--- | :--- | | **Input Voltage Range** | 9V to 36V DC | | **Output Voltage** | 5V DC (Fixed) | | **Maximum Output Current** | 3A to 5A (depending on thermal management) | | **Efficiency** | Up to 92% | | **Switching Frequency** | ~300 kHz to 500 kHz | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Internal Electronic Components The "R" in the suffix usually denotes a specific physical orientation or a RoHs-compliant taping/reeling specification. Internally, the module consists of several critical stages: 1. **PWM Controller IC:** The "brain" of the module that regulates the duty cycle to maintain a steady output voltage despite input fluctuations. 2. **Power MOSFETs:** High-speed switches (integrated or discrete) that handle the heavy current flow. 3. **Power Inductor:** A high-saturation shielded inductor used for energy storage and ripple reduction. 4. **Filter Capacitors:** Usually low-ESR ceramic or polymer capacitors on the input and output to minimize noise. 5. **Feedback Network:** A precision resistor divider that monitors output voltage and signals the PWM controller to adjust. --- ### 3. Core Features & Protections The MAH63TAD-R is designed with integrated safety features to protect both the power source and the load: * **Over-Current Protection (OCP):** Limits the output current if a short circuit or overload occurs. * **Thermal Shutdown:** Automatically turns off the module if the internal junction temperature exceeds safe limits. * **Under-Voltage Lockout (UVLO):** Prevents the device from operating if the input voltage is too low, ensuring stable startup. * **Low Standby Current:** Optimized for battery-powered applications to conserve energy when the load is idle. --- ### 4. Application Use-Cases * **Automotive Systems:** Converting 12V/24V battery power to stable 5V for sensors or infotainment. * **Industrial Automation:** Powering PLCs and communication modules from a 24V bus. * **Telecommunications:** Distributed power architectures where high-voltage rails need to be stepped down locally.
    ✨ Follow-up Questions
    • ⤷ What are the pinout configurations for the MAH63TAD-R?
    • ⤷ How does the 'R' suffix affect the mounting or packaging of this part?
    • ⤷ What are the recommended thermal dissipation methods for this converter at max load?