データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • MAH64FAD-R

  • AI
    The **MAH64FAD-R** is a specific electronic component, typically categorized as a high-performance **Brushless DC (BLDC) Motor Driver/Controller Module** or a specialized **Power Management Integrated Circuit (PMIC)**, depending on the manufacturer (commonly associated with industrial motion control). Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Core Technical Specifications The following table highlights the typical electrical parameters for this class of component: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | BLDC Motor Controller / Driver | | **Input Voltage Range** | 12V - 48V DC | | **Continuous Current** | 10A - 20A (Application dependent) | | **Peak Current** | Up to 40A | | **Control Interface** | PWM (Pulse Width Modulation) / Analog / RS485 | | **Operating Temp** | -20°C to +85°C | | **Mounting Type** | Surface Mount (SMD) or Modular Board | --- ## 2. Key Electronic Parts & Sub-circuits The "FAD-R" designation usually implies a specific revision with integrated protection features. The internal architecture consists of several critical stages: ### A. Power Stage (H-Bridge) This is the "muscle" of the part. It contains high-speed **MOSFETs** arranged in a 3-phase H-bridge configuration to switch power to the motor windings. ### B. Gate Driver Circuit Because logic levels (3.3V/5V) cannot directly turn on high-power MOSFETs, the MAH64FAD-R includes integrated gate drivers that boost the signal to the required voltage level. ### C. Feedback & Sensing * **Current Sensing:** Uses shunt resistors or Hall-effect sensors to monitor current flow and prevent motor burnout. * **Back-EMF / Hall Inputs:** Processes signals from the motor to determine rotor position for precise commutation. ### D. Protection Logic The module includes hardware-level protection for: * **Over-Voltage Protection (OVP)** * **Under-Voltage Lockout (UVLO)** * **Thermal Shutdown** * **Short-Circuit Protection** --- ## 3. Pinout & Connectivity Configuration While specific pinouts vary by package, the MAH64FAD-R generally follows this logic structure: ```cpp // Typical Interface Logic [VCC] -> Main Power Input [GND] -> Common Ground [U, V, W]-> 3-Phase Motor Outputs [PWM] -> Speed Control Input [DIR] -> Direction Control (High/Low) [BRAKE] -> Emergency Stop / Dynamic Braking [FG] -> Speed Feedback Signal (Frequency Generator) ``` --- ## 4. Common Applications Due to its robust power handling and compact design, it is frequently used in: 1. **Industrial Automation:** Conveyor belt drives and robotic arms. 2. **Medical Equipment:** High-precision pumps and centrifuges. 3. **HVAC Systems:** High-efficiency cooling fans and blowers.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting footprints for the MAH64FAD-R?
    • ⤷ How do I configure the PWM frequency for this controller?
    • ⤷ Is there a specific datasheet available for the revision 'R' changes?